Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F304-GM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C8051F304-GM
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F304-GM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C8051F304-GM Datasheet HTML 1Page - List of Unclassifed Manufacturers C8051F304-GM Datasheet HTML 2Page - List of Unclassifed Manufacturers C8051F304-GM Datasheet HTML 3Page - List of Unclassifed Manufacturers C8051F304-GM Datasheet HTML 4Page - List of Unclassifed Manufacturers C8051F304-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers C8051F304-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers C8051F304-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers C8051F304-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers C8051F304-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 174 page
background image
Mixed Signal ISP Flash MCU Family
C8051F300/1/2/3/4/5
Rev. 2.6 4/05
Copyright © 2005 by Silicon Laboratories
C8051F30x
Analog Peripherals
-
8-Bit ADC ('F300/2 only)
Up to 500 ksps
Up to 8 external inputs
Programmable amplifier gains of 4, 2, 1, & 0.5
VREF from external pin or VDD
Built-in temperature sensor
External conversion start input
-
Comparator
Programmable hysteresis and response time
Configurable as interrupt or reset source
Low current (
<0.5 µA)
On-chip Debug
-
On-chip debug circuitry facilitates full speed,
non-intrusive in-system debug (no emulator
required)
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-chips, target pods, and sockets
-
Complete development kit
Supply Voltage 2.7 to 3.6 V
-
Typical operating current: 5 mA @ 25 MHz;
11 µA @ 32 kHz
-
Typical stop mode current: 0.1 µA
-
Temperature range: –40 to +85 °C
High Speed 8051 µc Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 25 MIPS throughput with 25 MHz clock
-
Expanded interrupt handler
Memory
-
256 bytes internal data RAM
-
Up to 8 kB Flash; In-system programmable in 512
byte sectors
Digital Peripherals
-
8 Port I/O; All 5 V tolerant with high sink current
-
Hardware enhanced UART and SMBus™ serial
ports
-
Three general-purpose 16-bit counter/timers
-
16-bit programmable counter array (PCA) with three
capture/compare modules
-
Real time clock mode using PCA or timer and
external clock source
Clock Sources
-
Internal oscillator: 24.5 MHz with ±2% accuracy
supports UART operation
-
External oscillator: Crystal, RC, C, or clock (1 or 2
pin modes)
-
Can switch between clock sources on-the-fly; Useful
in power saving modes
11-Pin Quad Flat No-Lead (QFN) Package
(Lead-free package available)
-
3x3 mm PWB footprint
ANALOG
PERIPHERALS
PGA
8k/4k/2k Bytes
ISP Flash
256 B SRAM
POR
DEBUG
CIRCUITRY
12
INTERRUPTS
8051 CPU
(25MIPS)
DIGITAL I/O
PROGRAMMABLE PRECISION INTERNAL
OSCILLATOR
HIGH-SPEED CONTROLLER CORE
A
M
U
X
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
VOLTAGE COMPARATOR
+
-
WDT
10-bit
200ksps
ADC
TEMP
SENSOR
C8051F300/2 only


Similar Part No. - C8051F304-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F304-GM SILABS-C8051F304-GM Datasheet
177Kb / 2P
   25 MIPS, 4 kB Flash, 11-Pin Mixed-Signal MCU
C8051F304-GM SILABS-C8051F304-GM Datasheet
976Kb / 179P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F304-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com