Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX244DTR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC74LCX244DTR2G
Description  Low-Voltage CMOS Octal Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX244DTR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74LCX244DTR2G Datasheet HTML 2Page - ON Semiconductor MC74LCX244DTR2G Datasheet HTML 3Page - ON Semiconductor MC74LCX244DTR2G Datasheet HTML 4Page - ON Semiconductor MC74LCX244DTR2G Datasheet HTML 5Page - ON Semiconductor MC74LCX244DTR2G Datasheet HTML 6Page - ON Semiconductor MC74LCX244DTR2G Datasheet HTML 7Page - ON Semiconductor MC74LCX244DTR2G Datasheet HTML 8Page - ON Semiconductor MC74LCX244DTR2G Datasheet HTML 9Page - ON Semiconductor MC74LCX244DTR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74LCX244
www.onsemi.com
6
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
6 V
GND
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V at VCC = 3.3 ± 0.3 V
6 V at VCC = 2.5 ± 0.2 V
Open Collector/Drain tPLH and tPHL
6 V
tPZH, tPHZ
GND
CL = 50 pF at VCC = 3.3 ± 0.3 V or equivalent (includes jig and probe capacitance)
CL = 30 pF at VCC = 2.5 ± 0.2 V or equivalent (includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit
ORDERING INFORMATION
Device
Package
Shipping
MC74LCX244DWG
SOIC−20 WB
(Pb−Free)
38 Units / Rail
MC74LCX244DWR2G
SOIC−20 WB
(Pb−Free)
1000 / Tape & Reel
MC74LCX244DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC74LCX244DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
NLV74LCX244DTR2G*
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
MC74LCX244MNTWG
QFN20, 2.5x4.5
(Pb−Free)
3000 / Tape & Reel
MC74LCX244MN2TWG
QFN20, 2.5x3.5
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn