Electronic Components Datasheet Search |
|
CBT3244ADS Datasheet(PDF) 5 Page - NXP Semiconductors |
|
CBT3244ADS Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 10 page Philips Semiconductors Product data sheet CBT3244A Octal bus switch with quad output enables 2004 May 26 5 AC WAVEFORMS VM = 1.5 V, VIN = GND to 3.0 V INPUT 1.5 V OUTPUT tPLH tPHL SA00028 1.5 V 1.5 V 1.5 V 3 V 0 V VOH VOL Waveform 1. Input to Output Propagation Delays Output Control (Low-level enabling ) 1.5 V tPZH tPHZ VOH VOL tPZL tPLZ 3.5 V 0 V VOL + 0.3 V VOH – 0.3 V SA00029 1.5 V 1.5 V 1.5 V 0 V 3 V Output Waveform 1 S1 at 7 V (see Note) Note: Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. Output Waveform 2 S1 at Open (see Note) Waveform 2. 3-State Output Enable and Disable Times TEST CIRCUIT AND WAVEFORMS CL = 50 pF 500 Ω Load Circuit DEFINITIONS CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. TEST S1 tpd open tPLZ/tPZL 7 V tPHZ/tPZH open SA00012 500 Ω From Output Under Test S1 7 V Open GND NOTES: 1. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. 2. The outputs are measured one at a time with one transition per measurement. |
Similar Part No. - CBT3244ADS |
|
Similar Description - CBT3244ADS |