Electronic Components Datasheet Search |
|
C8051F301-GM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
C8051F301-GM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 174 page Mixed Signal ISP Flash MCU Family C8051F300/1/2/3/4/5 Rev. 2.6 4/05 Copyright © 2005 by Silicon Laboratories C8051F30x Analog Peripherals - 8-Bit ADC ('F300/2 only) • Up to 500 ksps • Up to 8 external inputs • Programmable amplifier gains of 4, 2, 1, & 0.5 • VREF from external pin or VDD • Built-in temperature sensor • External conversion start input - Comparator • Programmable hysteresis and response time • Configurable as interrupt or reset source • Low current ( <0.5 µA) On-chip Debug - On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required) - Provides breakpoints, single stepping, inspect/modify memory and registers - Superior performance to emulation systems using ICE-chips, target pods, and sockets - Complete development kit Supply Voltage 2.7 to 3.6 V - Typical operating current: 5 mA @ 25 MHz; 11 µA @ 32 kHz - Typical stop mode current: 0.1 µA - Temperature range: –40 to +85 °C High Speed 8051 µc Core - Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks - Up to 25 MIPS throughput with 25 MHz clock - Expanded interrupt handler Memory - 256 bytes internal data RAM - Up to 8 kB Flash; In-system programmable in 512 byte sectors Digital Peripherals - 8 Port I/O; All 5 V tolerant with high sink current - Hardware enhanced UART and SMBus™ serial ports - Three general-purpose 16-bit counter/timers - 16-bit programmable counter array (PCA) with three capture/compare modules - Real time clock mode using PCA or timer and external clock source Clock Sources - Internal oscillator: 24.5 MHz with ±2% accuracy supports UART operation - External oscillator: Crystal, RC, C, or clock (1 or 2 pin modes) - Can switch between clock sources on-the-fly; Useful in power saving modes 11-Pin Quad Flat No-Lead (QFN) Package (Lead-free package available) - 3x3 mm PWB footprint ANALOG PERIPHERALS PGA 8k/4k/2k Bytes ISP Flash 256 B SRAM POR DEBUG CIRCUITRY 12 INTERRUPTS 8051 CPU (25MIPS) DIGITAL I/O PROGRAMMABLE PRECISION INTERNAL OSCILLATOR HIGH-SPEED CONTROLLER CORE A M U X UART SMBus PCA Timer 0 Timer 1 Timer 2 VOLTAGE COMPARATOR + - WDT 10-bit 200ksps ADC TEMP SENSOR C8051F300/2 only |
Similar Part No. - C8051F301-GM |
|
Similar Description - C8051F301-GM |