Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3244A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBT3244A
Description  Octal bus switch with quad output enables
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3244A Datasheet(HTML) 3 Page - NXP Semiconductors

  CBT3244A Datasheet HTML 1Page - NXP Semiconductors CBT3244A Datasheet HTML 2Page - NXP Semiconductors CBT3244A Datasheet HTML 3Page - NXP Semiconductors CBT3244A Datasheet HTML 4Page - NXP Semiconductors CBT3244A Datasheet HTML 5Page - NXP Semiconductors CBT3244A Datasheet HTML 6Page - NXP Semiconductors CBT3244A Datasheet HTML 7Page - NXP Semiconductors CBT3244A Datasheet HTML 8Page - NXP Semiconductors CBT3244A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data sheet
CBT3244A
Octal bus switch with quad output enables
2004 May 26
3
LOGIC SYMBOL
1A1
1A4
2A1
2A4
1B1
1B4
2B1
2B4
2
8
18
12
11
17
9
3
SA00503
19
1
2OE
1OE
FUNCTION TABLE
INPUTS
OUTPUTS
1OE
2OE
1A, 1B
2A, 2B
L
L
1A = 1B
2A = 2B
L
H
1A = 1B
Z
H
L
Z
2A = 2B
H
H
Z
Z
H = High voltage level
L
= Low voltage level
Z = High-impedance “off ” state
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0 V
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0 V
–50
mA
VOUT
DC output voltage3
output in Off or HIGH state
–0.5 to +7
V
IOUT
DC output current
output in LOW state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Max
UNIT
VCC
DC supply voltage
4.5
5.5
V
VIH
HIGH-level input voltage
2.0
V
VIL
LOW-level Input voltage
0.8
V
Tamb
Operating free-air temperature range
–40
+85
°C


Similar Part No. - CBT3244A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
CBT3244ABQ NEXPERIA-CBT3244ABQ Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
CBT3244AD NEXPERIA-CBT3244AD Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
CBT3244ADB NEXPERIA-CBT3244ADB Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
CBT3244APW NEXPERIA-CBT3244APW Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results

Similar Description - CBT3244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
logo
NXP Semiconductors
CBT3244A PHILIPS-CBT3244A_15 Datasheet
117Kb / 18P
   Octal bus switch with quad output enables
Rev. 02-15 September 2005
PCA9549 PHILIPS-PCA9549 Datasheet
136Kb / 24P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549 NXP-PCA9549 Datasheet
147Kb / 25P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
   Quad Bus Switch with Individual Active Low Enables
logo
NXP Semiconductors
CBT3245 PHILIPS-CBT3245 Datasheet
81Kb / 10P
   Octal bus switch with output enable
1998 Dec 08
logo
Vaishali Semiconductor
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
   3.3V Quad Bus Switch with Individual Active Low Enables
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
   10-bit bus switch with 5-bit output enables
CBT16210 NEXPERIA-CBT16210 Datasheet
197Kb / 9P
   20-bit bus switch with 10-bit output enables
2000 Oct 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com