Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA187_1810 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA187_1810
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA187_1810 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA187_1810 Datasheet HTML 8Page - Texas Instruments OPA187_1810 Datasheet HTML 9Page - Texas Instruments OPA187_1810 Datasheet HTML 10Page - Texas Instruments OPA187_1810 Datasheet HTML 11Page - Texas Instruments OPA187_1810 Datasheet HTML 12Page - Texas Instruments OPA187_1810 Datasheet HTML 13Page - Texas Instruments OPA187_1810 Datasheet HTML 14Page - Texas Instruments OPA187_1810 Datasheet HTML 15Page - Texas Instruments OPA187_1810 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
20
Supply Voltage (V)
C001
-120
-100
-80
-60
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Output Amplitude (V
RMS)
G = -1, 10k-
Load
G = -1, 2k-
Load
G = -1, 600-
Load
G = +1, 10k-
Load
G = +1, 2k-
Load
G = +1, 600-
Load
C004
1
10
100
1000
1
10
100
1k
10k
100k
Frequency (Hz)
C002
-140
-120
-100
-80
-60
-40
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
G = -1, 10k-
Load
G = -1, 2k-
Load
G = -1, 600-
Load
G = +1, 10k-
Load
G = +1, 2k-
Load
G = +1, 600-
Load
C004
0.001
0.01
0.1
1
120
130
140
150
160
170
180
±75 ±50 ±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
Time (1 s/div)
C017
12
OPA187, OPA2187, OPA4187
SBOS807B – DECEMBER 2016 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 13. PSRR vs Temperature
Figure 14. 0.1-Hz to 10-Hz Noise
Figure 15. Input-Referred Voltage Noise Spectral Density vs
Frequency (G = +101)
Figure 16. THD+N Ratio vs Frequency
Figure 17. THD+N vs Output Amplitude
Figure 18. Quiescent Current vs Supply Voltage


Similar Part No. - OPA187_1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results

Similar Description - OPA187_1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V01 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA180 TI-OPA180 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com