Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F516 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. AT49F516
Description  512K (32K x 16) 5-volt Only Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F516 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49F516 Datasheet HTML 2Page - ATMEL Corporation AT49F516 Datasheet HTML 3Page - ATMEL Corporation AT49F516 Datasheet HTML 4Page - ATMEL Corporation AT49F516 Datasheet HTML 5Page - ATMEL Corporation AT49F516 Datasheet HTML 6Page - ATMEL Corporation AT49F516 Datasheet HTML 7Page - ATMEL Corporation AT49F516 Datasheet HTML 8Page - ATMEL Corporation AT49F516 Datasheet HTML 9Page - ATMEL Corporation AT49F516 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AT49F516
6
AC Read Waveforms(1)(2)(3)(4)
Notes:
1.
CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2.
OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3.
t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4.
This parameter is characterized and is not 100% tested.
Input Test Waveforms and
Measurement Level
t
R, tF < 5 ns
Output Test Load
Note:
1. This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT49F516-55
AT49F516-70
AT49F516-90
Units
Min
Max
Min
Max
Min
Max
t
ACC
Address to Output Delay
55
70
90
ns
t
CE
(1)
CE to Output Delay
55
70
90
ns
t
OE
(2)
OE to Output Delay
30
35
0
40
ns
t
DF
(3)(4)
CE or OE to Output Float
0
25
0
25
0
25
ns
t
OH
Output Hold from OE, CE
or Address, whichever
occurred first
000
ns
OUTPUT
PIN
5.0V
30 pF
1.8K
1.3K
OUTPUT
PIN
5.0V
100 pF
1.8K
1.3K
90 ns
55/70 ns
Pin Capacitance
f = 1 MHz, T = 25°C(1)
Symbol
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL