Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F516 Datasheet(PDF) 12 Page - ATMEL Corporation

Part No. AT49F516
Description  512K (32K x 16) 5-volt Only Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F516 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT49F516 Datasheet HTML 5Page - ATMEL Corporation AT49F516 Datasheet HTML 6Page - ATMEL Corporation AT49F516 Datasheet HTML 7Page - ATMEL Corporation AT49F516 Datasheet HTML 8Page - ATMEL Corporation AT49F516 Datasheet HTML 9Page - ATMEL Corporation AT49F516 Datasheet HTML 10Page - ATMEL Corporation AT49F516 Datasheet HTML 11Page - ATMEL Corporation AT49F516 Datasheet HTML 12Page - ATMEL Corporation AT49F516 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AT49F516
12
Packaging Information
.045(1.14) X 45°
PIN NO. 1
IDENTIFY
.045(1.14) X 30° - 45°
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.630(16.0)
.590(15.0)
.043(1.09)
.020(.508)
.120(3.05)
.090(2.29)
.180(4.57)
.165(4.19)
.500(12.7) REF SQ
.032(.813)
.026(.660)
.050(1.27) TYP
.022(.559) X 45° MAX (3X)
.656(16.7)
.650(16.5)
.695(17.7)
.685(17.4)
SQ
SQ
*Controlling dimension: millimeters
44J, 44-Lead, Plastic J-Leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-018 AC
40V, 40-Lead, Plastic Thin Small Outline
Package (TSOP)
Dimensions in Millimeters and (Inches)*


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn