![]() |
Electronic Components Datasheet Search |
|
AT49F516 Datasheet(PDF) 11 Page - ATMEL Corporation |
|
AT49F516 Datasheet(HTML) 11 Page - ATMEL Corporation |
11 / 13 page ![]() AT49F516 11 Note: 1. The AT49F516 has as optional boot block feature. The part number shown in the Ordering Information table is for devices with the boot block in the lower address range (i.e., 0000H to 1FFFH). Users requiring the boot block to be in the higher address range should contact Atmel. Ordering Information(1) t ACC (ns) ICC (mA) Ordering Code Package Operation Range Active Standby 55 50 0.1 AT49F516-55JC AT49F516-55VC 44J 40V Commercial (0 ° to 70°C) 50 0.3 AT49F516-55JI AT49F516-55VI 44J 40V Industrial (-40 ° to 85°C) 70 50 0.1 AT49F516-70JC AT49F516-70VC 44J 40V Commercial (0 ° to 70°C) 50 0.3 AT49F516-70JI AT49F516-70VI 44J 40V Industrial (-40 ° to 85°C) 90 50 0.1 AT49F516-90JC AT49F516-90VC 44J 40V Commercial (0 ° to 70°C) 50 0.3 AT49F516-90JI AT49F516-90VI 44J 40V Industrial (-40 ° to 85°C) Package Type 44J 44-Lead, Plastic, J-Leaded Chip Carrier Package (PLCC) 40V 40-Lead, Thin Small Outline Package (VSOP) (10 mm x 14 mm) |