Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5523KC-TUL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5523KC-TUL
Description  Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5523KC-TUL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5523KC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APL5523KC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APL5523KC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APL5523KC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APL5523KC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APL5523KC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APL5523KC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration APL5523KC-TUL Datasheet HTML 10Page - Anpec Electronics Coropration APL5523KC-TUL Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - July., 2004
APL5523
www.anpec.com.tw
9
t 25 C to Peak
tp
Ram p-up
t
L
Ram p-down
ts
Preheat
Tsm ax
Tsm in
T
L
T
P
25
Tim e
Critical Zone
T
L to T P
°
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition (IR/Convection or VPR Reflow)
Classificatin Reflow Profiles
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Profile Feature
Large Body
Small Body
Large Body
Small Body
Average ramp-up rate
(TL to TP)
3
°C/second max.
3
°C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Mix (Tsmax)
- Time (min to max)(ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Tsmax to TL
- Ramp-up Rate
3
°C/second max
Tsmax to TL
- Temperature(TL)
- Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(Tp)
225 +0/-5
°C
240 +0/-5
°C
245 +0/-5
°C
250 +0/-5
°C
Time within 5
°C of actual Peak
Temperature(tp)
10-30 seconds
10-30 seconds
10-30 seconds
20-40 seconds
Ramp-down Rate
6
°C/second max.
6
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package. Measured on the body surface.


Similar Part No. - APL5523KC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5523KC-TRG ANPEC-APL5523KC-TRG Datasheet
253Kb / 13P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
More results

Similar Description - APL5523KC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750 Datasheet
474Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
   500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com