Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC365 Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74HC365
Description  HEX 3-STATE NONINVERTING BUFFER WITH COMMON ENABLES (High-Performance Silicon-Gate CMOS)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC365 Datasheet(HTML) 1 Page - Integral Corp.

  IN74HC365 Datasheet HTML 1Page - Integral Corp. IN74HC365 Datasheet HTML 2Page - Integral Corp. IN74HC365 Datasheet HTML 3Page - Integral Corp. IN74HC365 Datasheet HTML 4Page - Integral Corp. IN74HC365 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74HC365
1
HEX 3-STATE NONINVERTING BUFFER
WITH
COMMON ENABLES
High-Performance Silicon-Gate CMOS
The IN74HC365 is identical in pinout to the LS/ALS365. The
device inputs are compatible with standard CMOS outputs; with
pullup resistors, they are compatible with LS/ALSTTL outputs.
This device is a high-speed hex buffer with 3-state outputs
and two common active-low Output Enables. When either of the
enables is high, the buffer outputs are placed into high-
impedance states. The IN74HC365 has noninverting outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
IN74HC365N Plastic
IN74HC365D SOIC
TA = -55° to 125° C for all
packages
FUNCTION TABLE
Inputs
Output
Enable
1
Enable
2
A
Y
L
L
L
L
L
L
H
H
H
X
X
Z
X
H
X
Z
Z = high impedance
X = don’t care
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn