Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2901486 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2901486
Description  Timer relay with off delay (with control contact) and adjustable time
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901486 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2901486 Datasheet HTML 1Page - PHOENIX CONTACT 2901486 Datasheet HTML 2Page - PHOENIX CONTACT 2901486 Datasheet HTML 3Page - PHOENIX CONTACT 2901486 Datasheet HTML 4Page - PHOENIX CONTACT 2901486 Datasheet HTML 5Page - PHOENIX CONTACT 2901486 Datasheet HTML 6Page - PHOENIX CONTACT 2901486 Datasheet HTML 7Page - PHOENIX CONTACT 2901486 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ETD-BL-1T-OFF-CC- 10S
103617_en_03
PHOENIX CONTACT
2
Description
Type
Order No.
Pcs. / Pkt.
Timer relay with screw connection
Time range 0.1...10 s
ETD-BL-1T-OFF-CC- 10S
2917450
1
Time range 3...300 s
ETD-BL-1T-OFF-CC-300S
2917463
1
Time range 0.3...30 min
ETD-BL-1T-OFF-CC- 30MIN
2917467
1
Time range 3...300 min
ETD-BL-1T-OFF-CC-300MIN
2917489
1
Timer relay with spring-cage connection
Time range 0.1...10 s
ETD-BL-1T-OFF-CC- 10S-SP
2917612
1
Time range 3...300 s
ETD-BL-1T-OFF-CC-300S-SP
2917625
1
Time range 0.3...30 min
ETD-BL-1T-OFF-CC- 30MIN-SP
2917638
1
Time range 3...300 min
ETD-BL-1T-OFF-CC-300MIN-SP
2917641
1
Timer relay with Push-in connection
Time range 0.1...10 s
ETD-BL-1T-OFF-CC- 10S-PT
2901485
1
Time range 3...300 s
ETD-BL-1T-OFF-CC-300S-PT
2901486
1
Time range 0.3...30 min
ETD-BL-1T-OFF-CC- 30MIN-PT
2901487
1
Time range 3...300 min
ETD-BL-1T-OFF-CC-300MIN-PT
2901488
1
Input data
Input voltage range
24 V DC (19,2 V DC ...30 V DC)
Time setting range
ETD-BL-1T-OFF-CC- 10S
ETD-BL-1T-OFF-CC-300S
ETD-BL-1T-OFF-CC- 30MIN
ETD-BL-1T-OFF-CC-300MIN
ETD-BL-1T-OFF-CC- 10S-SP
ETD-BL-1T-OFF-CC-300S-SP
ETD-BL-1T-OFF-CC- 30MIN-SP
ETD-BL-1T-OFF-CC-300MIN-SP
ETD-BL-1T-OFF-CC- 10S-PT
ETD-BL-1T-OFF-CC-300S-PT
ETD-BL-1T-OFF-CC- 30MIN-PT
ETD-BL-1T-OFF-CC-300MIN-PT
0.1 s ... 10 s
3 s ... 300 s
0.3 min ... 30 min
3 min ... 300 min
0.1 s ... 10 s
3 s ... 300 s
0.3 min ... 30 min
3 min ... 300 min
0.1 s ... 10 s
3 s ... 300 s
0.3 min ... 30 min
3 min ... 300 min
Function
OFF-CC: Off delay with control contact
Setting accuracy
≤ 2.5 % (of scale end value)
Repeat accuracy
≤ 0.5 % (From the measuring range final value)
Nominal current typ.
15 mA (Relay ON)
7 mA (Relay OFF)
Output data
Contact type
1 floating PDT
Output fuse
6.3 A (fast-blow)
Switching capacity
1500 VA (6 A / 250 V AC)
Control contact
Control contact
Non-floating, terminals A1-B1
Control pulse length
min. 50 ms
2Ordering data
3
Technical data


Similar Part No. - 2901486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901482 PHOENIX-2901482 Datasheet
55Kb / 2P
   Component housing, length: 99 mm, Lower part, Cross connection: without bus connector, color: blue, width: 12.5 mm, height: 114.5 mm
2901485 PHOENIX-2901485 Datasheet
156Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
More results

Similar Description - 2901486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ETD-BL-1T-OFF-CC-10S PHOENIX-ETD-BL-1T-OFF-CC-10S Datasheet
157Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
2901485 PHOENIX-2901485 Datasheet
156Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
ETD-BL-1T-F-10S PHOENIX-ETD-BL-1T-F-10S Datasheet
155Kb / 8P
   Timer relay with flash function and adjustable time
ETD-SL-1T-DTF PHOENIX-ETD-SL-1T-DTF Datasheet
159Kb / 9P
   Multifunctional timer relay with one adjustable time
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com