Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2901486 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2901486
Description  Timer relay with off delay (with control contact) and adjustable time
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901486 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2901486 Datasheet HTML 1Page - PHOENIX CONTACT 2901486 Datasheet HTML 2Page - PHOENIX CONTACT 2901486 Datasheet HTML 3Page - PHOENIX CONTACT 2901486 Datasheet HTML 4Page - PHOENIX CONTACT 2901486 Datasheet HTML 5Page - PHOENIX CONTACT 2901486 Datasheet HTML 6Page - PHOENIX CONTACT 2901486 Datasheet HTML 7Page - PHOENIX CONTACT 2901486 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ETD-BL-1T-OFF-CC- 10S
103617_en_03
PHOENIX CONTACT
3
General data
Mechanical service life
Approx. 2 x 10
7
cycles
Service life, electrical
Approx. 2 x 10
5
cycles at ohmic load, 1000 VA
Operating mode
100% operating factor
Degree of protection
IP20
Pollution degree
2 (according to EN 50178)
Surge voltage category
III, safe isolation (according to EN 50178)
Rated insulation voltage
300 V AC (According to EN 50178)
Impulse withstand voltage
6 kV (According to EN 50178)
Inflammability class according to UL 94
V0
Mounting
on standard DIN rail NS 35 in accordance with EN 60715
Mounting position
Any
Width
6.2 mm
Height
80 mm
Depth
86 mm
Type of housing
Polyamide PA, self-extinguishing
Color
green
Connection data Screw connection
Conductor cross section, solid
0.14 mm² ... 2.5 mm²
Conductor cross section, stranded
0.14 mm² ... 2.5 mm²
AWG
30 ... 12
Stripping length
8 mm
Tightening torque
0.6 Nm ... 0.8 Nm / 5 lb in ... 7 lb in
Connection data Spring-cage conn.
Conductor cross section, solid
0.14 mm² ... 2.5 mm²
Conductor cross section, stranded
0.14 mm² ... 2.5 mm²
AWG
26 ... 12
Stripping length
8 mm
Connection data Push-in conn.
Conductor cross section, solid
0.14 mm² ... 2.5 mm²
Conductor cross section, stranded
0.14 mm² ... 2.5 mm²
AWG
26 ... 14
Stripping length
8 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 65 °C
Ambient temperature (storage/transport)
-25 °C ... 80 °C
Permissible humidity (operation)
15 % ... 85 %
Conformance / approvals
Conformance
CE-compliant
ATEX
X II 3 G Ex nA nC IIC T4 Gc X
UL, USA / Canada
UL/C-UL listed UL 508
GL (not for ETD-BL-...-PT)
GL EMC 1 C


Similar Part No. - 2901486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901482 PHOENIX-2901482 Datasheet
55Kb / 2P
   Component housing, length: 99 mm, Lower part, Cross connection: without bus connector, color: blue, width: 12.5 mm, height: 114.5 mm
2901485 PHOENIX-2901485 Datasheet
156Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
More results

Similar Description - 2901486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ETD-BL-1T-OFF-CC-10S PHOENIX-ETD-BL-1T-OFF-CC-10S Datasheet
157Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
2901485 PHOENIX-2901485 Datasheet
156Kb / 8P
   Timer relay with off delay (with control contact) and adjustable time
ETD-BL-1T-F-10S PHOENIX-ETD-BL-1T-F-10S Datasheet
155Kb / 8P
   Timer relay with flash function and adjustable time
ETD-SL-1T-DTF PHOENIX-ETD-SL-1T-DTF Datasheet
159Kb / 9P
   Multifunctional timer relay with one adjustable time
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com