Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74ACT193 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74ACT193
Description  PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER High-Speed Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74ACT193 Datasheet(HTML) 4 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74ACT193
4
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
100
80
MHz
tPLH
Propagation Delay, CPU or CPD to
U
TC or
D
TC (Figure 2)
15
16.5
ns
tPHL
Propagation Delay, CPU or CPD to
U
TC or
D
TC (Figure 2)
14
15.5
ns
tPLH
Propagation Delay, CPU or CPD to Qn
(Figure 1)
12
13.5
ns
tPHL
Propagation Delay, CPU or CPD to Qn
(Figure 1)
12
13.5
ns
tPLH
Propagation Delay, Pn to Qn (Figure 3)
12
13.5
ns
tPHL
Propagation Delay, Pn to Qn (Figure 3)
12
13.5
ns
tPLH
Propagation Delay, PL to Qn (Figure 4)
12
13.5
ns
tPHL
Propagation Delay, PL to Qn (Figure 4)
15
16.5
ns
tPHL
Propagation Delay, MR to Qn (Figure 5)
15
16.5
ns
tPLH
Propagation Delay, MR to TCU (Figure 6)
14
15.5
ns
tPHL
Propagation Delay, MR to TCD (Figure 6)
14
15.5
ns
tPLH
Propagation Delay, PL to
U
TC
or
D
TC
(Figure 6)
15
16.5
ns
tPHL
Propagation Delay, PL to
U
TC
or
D
TC
(Figure 6)
11
12.5
ns
tPLH
Propagation Delay, Pn to
U
TC
or
D
TC
(Figure 6)
15
16.5
ns
tPHL
Propagation Delay, Pn to
U
TC
or
D
TC
(Figure 6)
15
16.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,VCC=5.0
V
CPD
Power Dissipation Capacitance
45
pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn