Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3060 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L3060
Description  HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3060 Datasheet(HTML) 4 Page - Unisonic Technologies

  L3060_17 Datasheet HTML 1Page - Unisonic Technologies L3060_17 Datasheet HTML 2Page - Unisonic Technologies L3060_17 Datasheet HTML 3Page - Unisonic Technologies L3060_17 Datasheet HTML 4Page - Unisonic Technologies L3060_17 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L3060
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-037.C
ELECTRICAL CHARACTERISTICS (Note 1, 2)
(The following specifications apply for VIN=12V, TA=25°C, unless specified otherwise.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Voltage
VIN
5
30
V
Under Voltage Lock Out
VUVLO
VIN Falling
4.7
V
UVLO Hysteresis
VUVLO, HYS VIN Rising
100
mV
Current Sense
Mean Current Sense Threshold Voltage
VCS
VIN-VCS
97
100
103
mV
Sense Threshold Hysteresis
VCS_HYS
±15
%
CS Pin Input Current
ICS
VIN-VCS=50mV
8
μA
Operating Frequency
Maximum Operation Frequency
FSW
1
MHz
Operating Current
Quiescent Supply Current with Output Off
IOFF
VDIM<0.3V
100
μA
DIM Input
Internal Supply Voltage
VDIM
DIM Floating
5
V
DIM Input Voltage High
VDIM_H
2.5
V
DIM Input Voltage Low
VDIM_L
0.3
V
DIM Pull Up Resistor to Internal Supply Voltage
RDIM
150
KΩ
DIM Input Leakage to Ground
IDIM_L
VDIM=0
33
μA
DIM Brightness Dimmer
DC Brightness Control Range
VDIM_DC
0.5
2.5
V
Max. DIM Frequency
fDIM
fOSC=500kHz
50
kHz
Duty Cycle Range of Low Frequency Dimming
fDIM=100Hz
0.05%
1
Brightness Control Ratio
DPWM_LF
2000:1
Duty Cycle Range of High Frequency Dimming
fDIM=20KHz
10%
1
Brightness Control Ratio
DPWM_HF
10:1
Output Power Switch
SW On Resistance
RSW
0.8
Continuous SW Current
ISWmean
0.5
A
SW Leakage Current
ILEAK
0.5
5
µA
Thermal Shutdown
Thermal Shutdown Threshold
TSD
150
°C
Thermal Shutdown hysteresis
TSD-hys
20
°C
Notes: 1. Typical parameters are measured at 25˚C and represent the parametric norm.
2. Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.


Similar Part No. - L3060_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3060G-AF5-R UTC-L3060G-AF5-R Datasheet
231Kb / 5P
   CMOS IC
More results

Similar Description - L3060_17

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PT4115 UMW-PT4115 Datasheet
1Mb / 9P
   30V / 1.2A high dimming ratio LED constant current driver
logo
Bright Power Semiconduc...
BP1360 BPS-BP1360 Datasheet
139Kb / 2P
   30V/500mA High Dimming Ratio LED Constant Current Driver
BP1361 BPS-BP1361 Datasheet
139Kb / 2P
   30V/750mA High Dimming Ratio LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
HM3342 HMSEMI-HM3342 Datasheet
779Kb / 11P
   high-frequency PWM dimming LED constant current driver chip
logo
Phihong USA Inc.
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA040B-700B PHIHONG-PDA040B-700B Datasheet
164Kb / 3P
   40W Constant Current LED Driver Waterproof LED Driver Non-Dimming
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
   36V/1.2A high dimming ratio LED driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com