Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M28F101AFP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part No. M5M28F101AFP
Description  1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M28F101AFP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M5M28F101AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MITSUBISHI LSIs
1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M28F101AFP,J,VP,RV-85,-10
(970407)
9
PROGRAMMING AND ERASE ALGORITHM FLOW CHART
PROGRAM :
VCC = 5V, VPP = VPPH
ADDR = FIRST LOCATION
X = 0
WRITE PROGRAM
COMMAND
DURATION = 10µs
X = X + 1
DURATION = 6µs
WRITE PROGRAM-
VERIFY COMMAND
X = 25?
VERIFY
BYTE?
NO
PASS
LAST ADDR?
YES
VPP = VPPL
WRITE PROGRAM DATA
WRITE READ COMMAND
START
DEVICE
PASSED
40H
DIN
C0H
VERIFY
BYTE?
YES
PASS
FAIL
DEVICE
FAILED
INPUT DATA
INC ADDR
NO
FAIL
ERASE :
VCC = 5V, VPP = VPPH
START
INPUT DATA
ALL
BYTES = 00H?
NO
PROGRAM ALL
BYTES = 00H
ADDR = FIRST LOCATION
X = 0
WRITE ERASE COMMAND
WRITE ERASE COMMAND
DURATION = 6µs
X = 1000?
NO
VERIFY
BYTE?
PASS
LAST ADDR?
YES
VPP = VPPL
WRITE READ COMMAND
DEVICE
PASSED
DEVICE
FAILED
VERIFY
BYTE?
PASS
FAIL
INC ADDR
NO
DURATION = 9.5ms
X = X + 1
WRITE ERASE-VERIFY
COMMAND
FAIL
YES
20H
20H
A0H
YES
(Erase Complete)


Similar Part No. - M5M28F101AFP

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M27C202FP-12 MITSUBISHI-M5M27C202FP-12 Datasheet
586Kb / 10P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ONE TIME REPROGRAMMABLE ROM?
M5M27C202FP-15 MITSUBISHI-M5M27C202FP-15 Datasheet
586Kb / 10P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ONE TIME REPROGRAMMABLE ROM?
M5M27C202J-12 MITSUBISHI-M5M27C202J-12 Datasheet
586Kb / 10P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ONE TIME REPROGRAMMABLE ROM?
M5M27C202J-15 MITSUBISHI-M5M27C202J-15 Datasheet
586Kb / 10P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ONE TIME REPROGRAMMABLE ROM?
M5M27C202JK-10 MITSUBISHI-M5M27C202JK-10 Datasheet
562Kb / 9P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ERASABLE AND ELECTRICALLY REPROGRAMMABLE ROM
More results

Similar Description - M5M28F101AFP

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
   131072-word x 8-bit CMOS Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz