Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M28F101AFP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M5M28F101AFP
Description  1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M28F101AFP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M5M28F101AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M28F101AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MITSUBISHI LSIs
1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M28F101AFP,J,VP,RV-85,-10
(970407)
2
1.
2.
3.
FUNCTION
BLOCK DIAGRAM
DATA PROTECTION
Power Supply Voltage
When the power supply voltage (Vcc) is less than 2.5V, the
device ignores WE signal.
Write Inhibit
In the cases, as below, write mode is not set.
1) When OE is terminated to the low level.
2) From each mode beginning through finish after 2nd rising
edge of WE for program, auto-program, erase, and auto-
erase.
Over-erase Protection
Just after powering up, if erase command is inputted, erase
operation is not executed. Once byte-program is performed or
verified data is not FFH in the erase-verify mode, successive
command input for erase will be accepted. Because of this, it
is applicable to the case of multi-chip erasing simultaneously.
PROGRAM
VOLTAGE SW.
X-DECODER
Y-DECODER
CHIP ENABLE
OUTPUT ENABLE
CIRCUITS
ERASE VOLTAGE SW.
131072 WORD
x8 BIT
CELL MATRIX
Y-GATE
OUTPUT SENSE
AND
OUTPUT BUFFERS
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A16
A15
A14
A13
A12
A11
A10
VERIFY
VOLTAGE
SW.
TIMER
CONTROL
CIRCUITS
COMMAND
LATCH
D0 D1 D2 D3 D4 D5 D6 D7
CE
OE
WE
VPP (5V, 12V)
VCC (5V)
GND (0V)
ADDRESS
INPUTS
CHIP ENABLE INPUT
OUTPUT ENABLE INPUT
WRITE ENABLE
INPUT
DATA INPUTS/OUTPUTS
M5M28F101A are set to the Read-only mode or Read-write mode
by applying the voltage of VPPL or VPPH, respectively, to VPP pin. In
Read-only mode, three operation modes, Read, Out-put disable
and Stand-by are accessible. While, in Read-Write mode, four
operation modes, Read, Output disable, Stand-by and Write are
functional.
Read
Set CE and OE terminals to the read mode (low level). Low level
input to CE and OE, and address signals to the address inputs
(A0~A16) make the data contents of the designated address
location available at data input/output(D0~D7).
Output Disable
When OE is at high level, output from the devices is disabled. Data
input/output are in a high-impedance (High-Z) state.
Stand-by
When CE is at high level, the devices is in the stand-by mode and
its power consumption is substantially reduced. Data input/output
are in a high-impedance (High-Z) state.
Write
Software command accomplishes program and erase operations
via the command latch in the device, when high voltage is supplied
to VPP. The contents of the latch serve as input to the internal
controller. The controller output dictates the function of device. The
command latch is written by bringing WE to low level, while CE is
at low level and OE is at high level. Addresses are latched on the
falling edge of WE, while data is latched on the rising edge of WE.
Standard micro-processor write timings are used.


Similar Part No. - M5M28F101AFP

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M27C202FP-12 MITSUBISHI-M5M27C202FP-12 Datasheet
586Kb / 10P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ONE TIME REPROGRAMMABLE ROM?
M5M27C202FP-15 MITSUBISHI-M5M27C202FP-15 Datasheet
586Kb / 10P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ONE TIME REPROGRAMMABLE ROM?
M5M27C202J-12 MITSUBISHI-M5M27C202J-12 Datasheet
586Kb / 10P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ONE TIME REPROGRAMMABLE ROM?
M5M27C202J-15 MITSUBISHI-M5M27C202J-15 Datasheet
586Kb / 10P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ONE TIME REPROGRAMMABLE ROM?
M5M27C202JK-10 MITSUBISHI-M5M27C202JK-10 Datasheet
562Kb / 9P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ERASABLE AND ELECTRICALLY REPROGRAMMABLE ROM
More results

Similar Description - M5M28F101AFP

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
   131072-word x 8-bit CMOS Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz