Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W91312N Datasheet(PDF) 11 Page - Winbond

Part # W91312N
Description  TONE/PULSE DIALER WITH REDIAL FUNCTION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91312N Datasheet(HTML) 11 Page - Winbond

Back Button W91312N Datasheet HTML 3Page - Winbond W91312N Datasheet HTML 4Page - Winbond W91312N Datasheet HTML 5Page - Winbond W91312N Datasheet HTML 6Page - Winbond W91312N Datasheet HTML 7Page - Winbond W91312N Datasheet HTML 8Page - Winbond W91312N Datasheet HTML 9Page - Winbond W91312N Datasheet HTML 10Page - Winbond W91312N Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TYPICAL APPLICATION CIRCUIT
R5 10M
TIP
VR1
250V
D1-D4
1N4004
RING
ON HOOK
OFF HOOK
Q1
A94
R3
33K
R4
3K3
R6
3K
D7
1N4148
SPEECH
D8
5V1
C1
100uF
Q2
A42
D5
1N4148
R1
200K
R9
470K
R7
1M
Q3
9013
Q4
C1815
R11
75
C4
R10
NETWORK
R8
300K
C10
0.1uF
1
2
3
4
5
6
VDD
VDD
R18
22K
C4
VSS
XT
XT T/P MUTE
C2
C3
C1
W91312N
7
8
9
*/T
0
#
R/P1
F1
X1
3.58MHz
C5
30P
C6
30P
Q7
9013
4u7
10K
VDD
PULSE
TONE
B/M
R4 R3 R2
R1 VDD
HKS
DP DTMF
MODE
F2
R/P2
F3
F4
R
VxR5


Similar Part No. - W91312N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91312 WINBOND-W91312 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312A WINBOND-W91312A Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91312N

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Winbond
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Winbond
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com