Electronic Components Datasheet Search |
|
TS5A23167DCURE4 Datasheet(PDF) 7 Page - Texas Instruments |
|
TS5A23167DCURE4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 25 page www.ti.com Electrical Characteristics for 3.3-V Supply (1) (continued) TS5A23167 0.9- Ω DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH SCDS195 – MAY 2005 V + = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25 °C 3.3 V 1.5 5 9.5 VCOM = V+, CL = 35 pF, Turn-on time tON ns 3 V to RL = 50 Ω, See Figure 17 Full 1.0 10 3.6 V 25 °C 3.3 V 4.5 8.5 11 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns 3 V to RL = 50 Ω, See Figure 17 Full 3 12.5 3.6 V VGEN = 0, CL = 1 nF, Charge injection QC 25 °C 3.3 V 6 pC RGEN = 0, See Figure 21 NC VNC = V+ or GND, CNC(OFF) See Figure 16 25 °C 3.3 V 19.5 pF OFF capacitance Switch OFF, COM VCOM = V+ or GND, CCOM(OFF) See Figure 16 25 °C 3.3 V 18.5 pF OFF capacitance Switch OFF, NC VNC = V+ or GND, CNC(ON) See Figure 16 25 °C 3.3 V 36 pF ON capacitance Switch ON, COM VCOM = V+ or GND, CCOM(ON) See Figure 16 25 °C 3.3 V 36 pF ON capacitance Switch ON, Digital input CI VI = V+ or GND, See Figure 16 25 °C 3.3 V 2 pF capacitance RL = 50 Ω, Bandwidth BW See Figure 18 25 °C 3.3 V 150 MHz Switch ON, RL = 50 Ω, Switch OFF, OFF isolation OISO 25 °C 3.3 V –62 dB f = 1 MHz, See Figure 19 RL = 50 Ω, Switch ON, Crosstalk XTALK 25 °C 3.3 V –85 dB f = 1 MHz, See Figure 20 Total harmonic RL = 600 Ω, f = 20 Hz to 20 kHz, THD 25 °C 3.3 V 0.01 % distortion CL = 50 pF, See Figure 22 Supply 25 °C 0.001 0.05 Positive supply I+ VI = V+ or GND, Switch ON or OFF 3.6 V µA current Full 0.3 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum 7 |
Similar Part No. - TS5A23167DCURE4 |
|
Similar Description - TS5A23167DCURE4 |