Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2865793 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 2865793
Description  Supply and input signal conditioner, Ex-i, with wide range supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2865793 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 2865793 Datasheet HTML 7Page - PHOENIX CONTACT 2865793 Datasheet HTML 8Page - PHOENIX CONTACT 2865793 Datasheet HTML 9Page - PHOENIX CONTACT 2865793 Datasheet HTML 10Page - PHOENIX CONTACT 2865793 Datasheet HTML 11Page - PHOENIX CONTACT 2865793 Datasheet HTML 12Page - PHOENIX CONTACT 2865793 Datasheet HTML 13Page - PHOENIX CONTACT 2865793 Datasheet HTML 14Page - PHOENIX CONTACT 2865793 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
103561_en_00
PHOENIX CONTACT
12
7
Safety-related applications (SIL 2)
SIL regulations apply to the following modules:
The safety-related repeater power supply and input signal
conditioners listed above are certified as conform with
DIN EN 61508-1:11.2002. Test certificate: BVS Pb 09/08
7.1
Safety function and safety demand
The device performs the safety function of electrically
isolated forwarding of a 4...20mA standard signal with a
maximum deviation of 5% maximum.
Output values outside this range of 3.6 … 21 mA are
considered as the safe state, which is detected by the
subsequent controller.
Safe failures in the device are therefore those errors where
the repeater power supply and input signal conditioner
sends an output signal that deviates from the input signal by
no more than 5%.
Dangerous, non-detectable failures are errors where the
repeater power supply and input signal conditioner does not
follow a change in the input signal or deviates from the input
signal by more than 5% and is not outside the range.
Dangerous, detectable failures are those that send a
signal outside the range (< 3.6 mA and > 21 mA).
7.2
Safety integrity requirements
Failure rates
Type A device (according to IEC/EN 61508-2)
Safety Integrity Level (SIL) 2
–HFT = 0
MTTR = 24 h
1oo1 structure
Ambient temperature: 40 °C
Operation as a repeater power supply
The total failure rate is 622 FIT.
The MTBF is 183 years.
The probability of a dangerous failure per hour for
“continuous demand” mode and the average probability of
failure of the specified function for “low demand” mode are
determined based on the error rates:
PFD
avg values
PFH = 5.83 * 10
-8
/h
This fulfills the requirements for the PFH value for a SIL 2
system.
The boxes marked in gray show that the calculated PFD
avg
values are within the permissible range for SIL 2 in
accordance with Table 2 of IEC/EN 61508-1. They fulfill the
requirement to not cover more than 10% of the safety circuit,
i.e., to be better than or equal to 1.00E-03.
The box marked in white shows that the calculated PFD
avg
values are within the permissible range for SIL2 in
accordance with Table 2 of IEC/EN 61508-1. However, they
do not fulfill the requirement to not cover more than 10% of
this safety circuit, i.e., to be better than or equal to 1.00 E03.
Failure limit
The data is based on an operating mode with low demand
rate. The device covers less than 10% of the PFH/PFD of
the entire safety circuit.
Figure 6
Safety circuit
Designation
Order No.
MACX MCR-EX-SL-RPSSI-I-UP
2865793
MACX MCR-EX-SL-RPSSI-I-UP-SP
2924029
MACX MCR-SL-RPSSI-I-UP
2865968
MACX MCR-SL-RPSSI-I-UP-SP
2924210
λ
SD
λ
SU
λ
DD
λ
DU
SFF
DC
D
0 FIT
557.7 FIT
0 FIT
58.3 FIT 90.55%
0%
T
[PROOF] =
1 year
3 years
4 years
PFD
avg =
2.53E-04
7.66E-04
1.02E-03
Sensor
25%
Device
< 10%
Processing
15%
Actuator
50%


Similar Part No. - 2865793

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2865751 PHOENIX-2865751 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
2865764 PHOENIX-2865764 Datasheet
120Kb / 8P
   Solenoid driver - MACX MCR-EX-SL-SD-21-40-LP
More results

Similar Description - 2865793

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2865984 PHOENIX-2865984 Datasheet
329Kb / 17P
   NAMUR signal conditioner Ex i, 2-channel, with wide range supply
logo
Pepperl+Fuchs Inc.
ENT-DC-30 PF-ENT-DC-30 Datasheet
563Kb / 2P
   Ex i power supply
logo
PHOENIX CONTACT
2908060 PHOENIX-2908060 Datasheet
330Kb / 15P
   Output signal conditioner - MACX MCR-EX-IDS-I-I
03/25/2022
logo
Hotchip Technology Co.,...
HT3402S HOTCHIP-HT3402S Datasheet
1Mb / 11P
   Wide Input Supply Range: 10V to 40V
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
   2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
ETA-USA
AOPS600-2U ETA-USA-AOPS600-2U Datasheet
1Mb / 6P
   600W Power Supply Wide Input voltage range
logo
Maxim Integrated Produc...
MAX17245EVKIT MAXIM-MAX17245EVKIT Datasheet
2Mb / 13P
   Wide 6V to 36V Input Supply Range
Rev 0; 3/16
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
   3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
ETA-USA
AOPS600 ETA-USA-AOPS600 Datasheet
5Mb / 6P
   600W Power Supply Wide Input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com