Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF25NM60N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF25NM60N
Description  N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25NM60N Datasheet(HTML) 5 Page - STMicroelectronics

  STF25NM60N Datasheet HTML 1Page - STMicroelectronics STF25NM60N Datasheet HTML 2Page - STMicroelectronics STF25NM60N Datasheet HTML 3Page - STMicroelectronics STF25NM60N Datasheet HTML 4Page - STMicroelectronics STF25NM60N Datasheet HTML 5Page - STMicroelectronics STF25NM60N Datasheet HTML 6Page - STMicroelectronics STF25NM60N Datasheet HTML 7Page - STMicroelectronics STF25NM60N Datasheet HTML 8Page - STMicroelectronics STF25NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
STP25NM60N - STF25NM60N - STB25NM60N/-1 - STW25NM60N
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.15
1.70
0.045
0.066
c
0.49
0.70
0.019
0.027
D
15.25
15.75
0.60
0.620
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L30
28.90
1.137
øP
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
TO-220 MECHANICAL DATA


Similar Part No. - STF25NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF25NM60N STMICROELECTRONICS-STF25NM60N Datasheet
523Kb / 18P
   N-channel 600V - 0.140廓 - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STF25NM60N STMICROELECTRONICS-STF25NM60N Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STF25NM60ND STMICROELECTRONICS-STF25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STF25NM60ND STMICROELECTRONICS-STF25NM60ND Datasheet
600Kb / 18P
   N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
logo
Inchange Semiconductor ...
STF25NM60ND ISC-STF25NM60ND Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF25NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
   N-channel 600V - 0.140廓 - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
   N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
   N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
   N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STW25NM50N STMICROELECTRONICS-STW25NM50N Datasheet
678Kb / 16P
   N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB13NM50N STMICROELECTRONICS-STB13NM50N Datasheet
622Kb / 17P
   N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com