Electronic Components Datasheet Search |
|
STT5PF20V Datasheet(PDF) 1 Page - STMicroelectronics |
|
STT5PF20V Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 8 page 1/8 October 2003 STT5PF20V P-CHANNEL 20V - 0.065 Ω -5A SOT23-6L 2.5V-DRIVE STripFET™ II POWER MOSFET s TYPICAL RDS(on) = 0.065Ω (@4.5V) s TYPICAL RDS(on) = 0.085Ω (@2.5V) s ULTRA LOW THRESHOLD GATE DRIVE (2.5V) s STANDARD OUTLINE FOR EASY AUTOMATED SURFACE MOUNT ASSEMBLY DESCRIPTION This Power MOSFET is the latest development of STMicroelectronics unique “Single Feature Size ™” strip-based process. The resulting transistor shows extremely high packing density for low on-resis- tance. APPLICATIONS s MOBILE PHONE APPLICATIONS s DC-DC CONVERTERS s BATTERY MANAGEMENT IN NOMADIC EQUIPMENT ORDERING INFORMATION TYPE VDSS RDS(on) ID STT5PF20V 20 V < 0.080 Ω (@4.5V) <0.10 Ω (@2.5V) 5A SALES TYPE MARKING PACKAGE PACKAGING STT5PF20V STPN SOT23-6L TAPE & REEL SOT23-6L INTERNAL SCHEMATIC DIAGRAM |
Similar Part No. - STT5PF20V |
|
Similar Description - STT5PF20V |