Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6659EK1 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6659EK1
Description  1.5MHz, 600mA Synchronous Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659EK1 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6659EK1 Datasheet HTML 2Page - Sipex Corporation SP6659EK1 Datasheet HTML 3Page - Sipex Corporation SP6659EK1 Datasheet HTML 4Page - Sipex Corporation SP6659EK1 Datasheet HTML 5Page - Sipex Corporation SP6659EK1 Datasheet HTML 6Page - Sipex Corporation SP6659EK1 Datasheet HTML 7Page - Sipex Corporation SP6659EK1 Datasheet HTML 8Page - Sipex Corporation SP6659EK1 Datasheet HTML 9Page - Sipex Corporation SP6659EK1 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Date: 07/20/05
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Part Number
Operating Temperature Range
Package Type
SP6659EK1 ......... ...............................-40°C to +85°C ........................................................... 5 Pin TSOT23
SP6659EK1/TR .... ...............................-40°C to +85°C ........................................................... 5 Pin TSOT23
SP6659EK1-1.5 .... ...............................-40°C to +85°C ........................................................... 5 Pin TSOT23
SP6659EK1-1.5/TR...............................-40°C to +85°C .......................................................... 5 Pin TSOT23
SP6659EK1-1.8 .... ...............................-40°C to +85°C ........................................................... 5 Pin TSOT23
SP6659EK1-1.8/TR...............................-40°C to +85°C .......................................................... 5 Pin TSOT23
/TR = Tape and Reel
Pack quantity is 2,500 for TSOT23.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6659EK1/TR = standard; SP6659EK1-L/TR = lead free
ORDERING INFORMATION


Similar Part No. - SP6659EK1

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659EK1 SIPEX-SP6659EK1 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1/TR SIPEX-SP6659EK1/TR Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK115 SIPEX-SP6659EK115 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK115/TR SIPEX-SP6659EK115/TR Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK118 SIPEX-SP6659EK118 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
More results

Similar Description - SP6659EK1

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com