Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6659 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6659 Datasheet HTML 2Page - Sipex Corporation SP6659 Datasheet HTML 3Page - Sipex Corporation SP6659 Datasheet HTML 4Page - Sipex Corporation SP6659 Datasheet HTML 5Page - Sipex Corporation SP6659 Datasheet HTML 6Page - Sipex Corporation SP6659 Datasheet HTML 7Page - Sipex Corporation SP6659 Datasheet HTML 8Page - Sipex Corporation SP6659 Datasheet HTML 9Page - Sipex Corporation SP6659 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Date: 07/20/05
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
APPLICATION INFORMATION
A resistive divider based on the following
equation determines the output voltage:
VOUT = 0.6 (1+
)
The external resistive divider is connected
to the output as shown in Figure 7 .
®
SP6659
GND
R1
R2
VFB
VOUT
Figure 7: Setting the SP6659 Output Voltage.
R2
R1
The SP6659 is a monolithic switching mode
Step-Down DC-DC converter. It utilizes in-
ternal MOSFETs to achieve high efficiency
and can generate very low output voltage
by using its internal reference at 0.6V. It
operates at a fixed switching frequency,
and uses slope compensated, current-mode
architecture. This Step-Down DC-DC con-
verter supplies 600mA of output current at
VIN = 3V. The entire input voltage range is
from 2.5V to 5.5V.
__________________ CURRENT MODE
PWM CONTROL
Slope compensated current mode PWM
control provides stable switching and cycle-
by-cycle current limit for excellent load and
line responses and protection of the internal
main switch (P-Channel MOSFET) as well
as the synchronous rectifier (N-Channel
MOSFET). During normal operation, the in-
ternal P-Channel MOSFET is turned on for
a certain time to ramp the inductor current at
each rising edge of the internal oscillator,
and switched off when the peak inductor
current is above the error voltage.
The
THEORY OF OPERATION
current comparator, ICOMP, limits the peak
inductor current. When the main switch is
off, the synchronous rectifier will be turned
on immediately and stay on until either the
inductor current starts to reverse, as indi-
cated by the current reversal comparator,
IZERO, or the beginning of the next clock
cycle.
The OVDET comparator controls
output transient overshoots by turning the
main switch off and keeping it off until the
fault is no longer present.
_______________________ IDLE MODE
OPERATION
At very light loads, the SP6659 automati-
cally enters Idle Mode (Figure 8). In the Idle
Mode, the inductor current may reach zero
Amps or reverse on each pulse. The PWM
control loop will automatically skip pulses to
maintain output regulation.
The bottom
MOSFET is turned off by the current rever-
sal comparator, IZERO, and the switch volt-
age will ring. This is discontinuous mode
operation, and is normal behavior for the
switching regulator.


Similar Part No. - SP6659

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EB SIPEX-SP6659EB Datasheet
95Kb / 3P
   Evaluation Board Manual
SP6659EK1 SIPEX-SP6659EK1 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1/TR SIPEX-SP6659EK1/TR Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK115 SIPEX-SP6659EK115 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
More results

Similar Description - SP6659

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com