Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP2996BEN Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP2996BEN
Description  2A Bus Termination Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2996BEN Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP2996BEN Datasheet HTML 2Page - Sipex Corporation SP2996BEN Datasheet HTML 3Page - Sipex Corporation SP2996BEN Datasheet HTML 4Page - Sipex Corporation SP2996BEN Datasheet HTML 5Page - Sipex Corporation SP2996BEN Datasheet HTML 6Page - Sipex Corporation SP2996BEN Datasheet HTML 7Page - Sipex Corporation SP2996BEN Datasheet HTML 8Page - Sipex Corporation SP2996BEN Datasheet HTML 9Page - Sipex Corporation SP2996BEN Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Date: 07/7/05
SP2996B 2A Termination Regulator
© Copyright 2005 Sipex Corporation
PACKAGE: 8 PIN NSOIC
A
A2
A1
SIDE VIEW
Seating Plane
Gauge Plane
L1
L
Ø
Ø1
Ø
Seating Plane
L2
VIEW C
TOP VIEW
b
SEE VIEW C
B
B
SECTION B-B
WITH PLATING
c
BASE METAL
b
SYMBOL
MIN
NOM
MAX
A0.053
-
0.069
A1
0.004
-
0.010
A2
0.049
-
0.065
b0.012
-
0.020
c0.007
-
0.010
D
E
E1
e
L0.016
-
0.050
L1
L2
ø0º
-
ø1
-
15º
Note: Dimensions in (inches)
Conversion Factor: 1 Inch = 25.40 mm
8 Pin NSOIC JEDEC MS-012 (AA)
Variation
0.050 BSC
0.04 REF
0.010 BSC
0.193 BSC
0.236 BSC
0.154 BSC
SYMBOL
MIN
NOM
MAX
A1.35
-
1.75
A1
0.10
-
0.25
A2
1.25
-
1.65
b0.31
-
0.51
c0.17
-
0.25
D
E
E1
e
L0.40
-
1.27
L1
L2
ø0º
-
ø1
-
15º
Note: Dimensions in (mm)
Controlling Dimension
8 Pin NSOIC JEDEC MS-012 (AA)
Variation
4.90 BSC
6.00 BSC
3.90 BSC
1.27 BSC
1.04 REF
0.25 BSC
E
E/2
E1
INDEX AREA
(D/2 X E1/2)
E1/2
D
1
e


Similar Part No. - SP2996BEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP2996BEN-L EXAR-SP2996BEN-L Datasheet
713Kb / 9P
   2 Amp DDR Bus Termination Regulator
More results

Similar Description - SP2996BEN

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5338A ANPEC-APL5338A Datasheet
350Kb / 21P
   2A Bus Termination Regulator
APL5338A ANPEC-APL5338A_17 Datasheet
241Kb / 19P
   2A Bus Termination Regulator
APL5338 ANPEC-APL5338 Datasheet
315Kb / 19P
   2A Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173B RICHTEK-RT9173B Datasheet
262Kb / 13P
   2A Bus Termination Regulator
logo
Fitipower Integrated Te...
FP6137E FITIPOWER-FP6137E Datasheet
392Kb / 7P
   2A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
   2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fitipower Integrated Te...
FP6137A FITIPOWER-FP6137A Datasheet
706Kb / 10P
   3A/2A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com