Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX04 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. 74LVX04
Description  Low Voltage Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVX04 Datasheet(HTML) 2 Page - ON Semiconductor

  74LVX04 Datasheet HTML 1Page - ON Semiconductor 74LVX04 Datasheet HTML 2Page - ON Semiconductor 74LVX04 Datasheet HTML 3Page - ON Semiconductor 74LVX04 Datasheet HTML 4Page - ON Semiconductor 74LVX04 Datasheet HTML 5Page - ON Semiconductor 74LVX04 Datasheet HTML 6Page - ON Semiconductor 74LVX04 Datasheet HTML 7Page - ON Semiconductor 74LVX04 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX04 Rev. 1.4.0
February 2008
74LVX04
Low Voltage Hex Inverter
Features
Input voltage level translation from 5V to 3V
Ideal for low power/low noise 3.3V applications
Guaranteed simultaneous switching noise level and
dynamic threshold performance
General Description
The LVX04 contains six inverters. The inputs tolerate
voltages up to 7V allowing the interface of 5V systems to
3V systems.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Connection Diagram
Pin Description
Logic Symbol
IEEE/IEC
Order
Number
Package
Number
Package Description
74LVX04M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVX04SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
An
Inputs
On
Outputs


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn