Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX04 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 74LVX04
Description  Low Voltage Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVX04 Datasheet(HTML) 4 Page - ON Semiconductor

  74LVX04 Datasheet HTML 1Page - ON Semiconductor 74LVX04 Datasheet HTML 2Page - ON Semiconductor 74LVX04 Datasheet HTML 3Page - ON Semiconductor 74LVX04 Datasheet HTML 4Page - ON Semiconductor 74LVX04 Datasheet HTML 5Page - ON Semiconductor 74LVX04 Datasheet HTML 6Page - ON Semiconductor 74LVX04 Datasheet HTML 7Page - ON Semiconductor 74LVX04 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX04 Rev. 1.4.0
3
DC Electrical Characteristics
Noise Characteristics(2)
Note:
2. Input tr = tf = 3ns
Symbol
Parameter
VCC
Conditions
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ. Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
2.0
1.5
1.5
V
3.0
2.0
2.0
3.6
2.4
2.4
VIL
LOW Level Input
Voltage
2.0
0.5
0.5
V
3.0
0.8
0.8
3.6
0.8
0.8
VOH
HIGH Level Output
Voltage
2.0
VIN = VIL or VIH,
IOH = –50µA
1.9
2.0
1.9
V
3.0
VIN = VIL or VIH,
IOH = –50µA
2.9
3.0
2.9
VIN = VIL or VIH,
IOH = –4mA
2.58
2.48
VOL
LOW Level Output
Voltage
2.0
VIN = VIL or VIH,
IOL = 50µA
0.0
0.1
0.1
V
3.0
VIN = VIL or VIH,
IOL = 50µA
0.0
0.1
0.1
VIN = VIL or VIH,
IOL = 4mA
0.36
0.44
IIN
Input Leakage
Current
3.6
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
3.6
VIN = VCC or GND
2.0
20.0
µA
Symbol
Parameter
VCC (V)
CL (pF)
TA = 25°C
Units
Typ.
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
50
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
3.3
50
–0.3
–0.5
V
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
50
2.0
V
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
50
0.8
V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn