Electronic Components Datasheet Search |
|
SAA5360HL Datasheet(PDF) 11 Page - NXP Semiconductors |
|
SAA5360HL Datasheet(HTML) 11 Page - NXP Semiconductors |
11 / 28 page 2005 Mar 09 11 Philips Semiconductors Product specification Multi page intelligent teletext decoder SAA5360; SAA5361 XTALIN 70 I 12 MHz crystal oscillator input XTALOUT 71 O 12 MHz crystal oscillator output RESET 72 I reset input; if LOW for at least 24 crystal oscillator periods while the oscillator is running, the device is reset; internal pull-up RESET 73 I reset input; if HIGH for at least 24 crystal oscillator periods while the oscillator is running, the device is reset; this pin should be connected to VDDC via a capacitor if an active HIGH reset is required; internal pull-down n.c. 74 O not connected VDDP 75 - 3.3 V periphery supply voltage P1_0 76 IO programmable bidirectional port 1 with alternative functions: bit 0 input and output for general use n.c. 77 O not connected P1_1 78 I/O programmable bidirectional port 1 with alternative functions: bit 1 input and output for general use P1_2 79 I/O programmable bidirectional port 1 with alternative functions: bit 2 input and output for general use P1_3 80 I/O programmable bidirectional port 1 with alternative functions: bit 3 input and output for general use SCL 81 I I2C-bus serial clock input from application SDA 82 I/O I2C-bus serial data input from or output to application P1_4 83 I/O programmable bidirectional port 1 with alternative functions: bit 4 input and output for general use P1_5 84 I/O programmable bidirectional port 1 with alternative functions: bit 5 input and output for general use AD0 85 I/O address line 0 with multiplexed data line 0 AD1 86 I/O address line 1 with multiplexed data line 1 AD2 87 I/O address line 2 with multiplexed data line 2 AD3 88 I/O address line 3 with multiplexed data line 3 AD4 89 I/O address line 4 with multiplexed data line 4 AD5 90 I/O address line 5 with multiplexed data line 5 AD6 91 I/O address line 6 with multiplexed data line 6 AD7 92 I/O address line 7 with multiplexed data line 7 P2_1/PWM0 93 I/O programmable bidirectional port 2: bit 1 or output bit 0 of the 6-bit PWM P2_2/PWM1 94 I/O programmable bidirectional port 2: bit 2 or output bit 1 of the 6-bit PWM P2_3/PWM2 95 I/O programmable bidirectional port 2: bit 3 or output bit 2 of the 6-bit PWM P2_4/PWM3 96 I/O programmable bidirectional port 2: bit 4 or output bit 3 of the 6-bit PWM P2_5/PWM4 97 I/O programmable bidirectional port 2: bit 5 or output bit 4 of the 6-bit PWM P2_6/PWM5 98 I/O programmable bidirectional port 2: bit 6 or output bit 5 of the 6-bit PWM VSSC 99 - core ground P2_0/TPWM 100 I/O programmable bidirectional port 2: bit 0 or output for 14-bit high precision PWM SYMBOL PIN TYPE DESCRIPTION |
Similar Part No. - SAA5360HL |
|
Similar Description - SAA5360HL |