Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX16 Datasheet(PDF) 15 Page - Hirose Electric

Part # FX16
Description  0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX16 Datasheet(HTML) 15 Page - Hirose Electric

Back Button FX16 Datasheet HTML 11Page - Hirose Electric FX16 Datasheet HTML 12Page - Hirose Electric FX16 Datasheet HTML 13Page - Hirose Electric FX16 Datasheet HTML 14Page - Hirose Electric FX16 Datasheet HTML 15Page - Hirose Electric FX16 Datasheet HTML 16Page - Hirose Electric FX16 Datasheet HTML 17Page - Hirose Electric FX16 Datasheet HTML 18Page - Hirose Electric FX16 Datasheet HTML 19Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
FX16 Series0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
Notes :
1 The plating on the ground plate (tape) must be at least 1.5µm of Sn plating, with the first 1 to 5µm of Ni plating + at least 0.2µ
of Au plating on the pad surface as well as C-2000-equivalent sealing.
2
     denotes the shielded area. (both sides are shielded).
3
     denotes the area for the ground plate (conductive tape).
4
     denotes the area for the reinforcing film.
5 The width of the conductor must be 0.3 ±0.03mm.
6 The ground plate (tape) and shield must overlap each other. This will allow a conductive path to be established through both
ground plates and on both sides.
7 FFC must be made to satisfy the differential impedance value of 100ø ±7%.
8 (
) denotes the reference dimension and ◆ mark denotes important dimensions.
9 The L dimension is the length of the harness from one end face to the other end face of the connector cable port.
Applicable wires
Completely shielded FFC for holder type
Unit : mm
No. of
Contacts (n)
Applicable connectors
A
B
C
D
E
F
21
FX16F-21P-HC
13.2
12.8
11.2
10
12.8
10.7
31
FX16F-31P-HC
18.2
17.8
16.2
15
17.8
15.7
Enlarged view
2
4
16
2
Connector cut-off position(Min7.
1mm)
L+14.430
9.220
6.20.1
0
3.5±0.5
10.7±1
2.3±0.05
3.8 0
0.06
7.2
6.051.05
0.7
R0.2max
R0.2
max
R0.2
ma
x
R0.2
max
Reinforcing film Ground plate (conductive tape)
Insulator (polyester)
Insulator (polyester)
Conductor
(gold-plated annealed copper foil)
(7.
2)
(7.
2)
+3
FX16F-**P-HC
The length of the harness when
the harness is used for both sides.
FX16F-**P-HC
10
9
Recommended FFC dimensions
Enlarged view


Similar Part No. - FX16

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
   Ceramic SMD Crystal
logo
List of Unclassifed Man...
FX166008C ETC-FX166008C Datasheet
27Kb / 1P
   VDSL Filter Solutions
More results

Similar Description - FX16

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX23 HIROSE-FX23 Datasheet
996Kb / 20P
   High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
2019.6
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
   0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
CL570-0201-4 HIROSE-CL570-0201-4 Datasheet
419Kb / 7P
   0.5mm Pitch Connectors with Ground Plate for Board-to-Board Connections
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
   Interworking Controller Next Generation
2003
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com