Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM67-B102LF Datasheet(PDF) 1 Page - TT Electronics.

Part # HM67-B102LF
Description  Surface Mount Common Mode Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM67-B102LF Datasheet(HTML) 1 Page - TT Electronics.

  HM67-B102LF Datasheet HTML 1Page - TT Electronics. HM67-B102LF Datasheet HTML 2Page - TT Electronics. HM67-B102LF Datasheet HTML 3Page - TT Electronics. HM67-B102LF Datasheet HTML 4Page - TT Electronics. HM67-B102LF Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount
Common Mode Chokes
Model HM67 Series
Magnetics
Features
OperatingTemperatureRange-40°Cto+125°C
TemperatureRise,Maximum40°C
DielectricWithstandingVoltage300Vdc
RoHSCompliant
Schematics
Specification
Packaging
Notes: (1) Leakage inductance is measured with pin 2 & 3 shorted.
(2) DC resistance is measured at 25°C.
(3)Maximumoperatingtemperatureis+85°C.
(4) Common mode inductance & leakage inductance of HM67-10510LF are measured at 100 kHz, 0.05V
Part Number
Terminals
Common Mode Inductance
@100 kHz - 0.1 V
(1-4 or 2-3) μH
Inductance Leakage
@100 kHz - 0.1 Vrms
(1-4)(1) Typ. μH
Rated
Current
mA
DCR (2)
Max Ω
Marking
Code
Figure
HM67-B5R0LF
1-4, 2-3
5.0 ± 30%
0.08
1000
0.12
A
1
HM67-B110LF
1-4, 2-3
11.0 ± 30%
0.10
500
0.15
B
1
HM67-S250LF
1-4, 2-3
25.0 ± 30%
1.60
500
0.18
C
1
HM67-B510LF
1-4, 2-3
51.0 ± 30%
1.90
500
0.10
D
1
HM67-S510LF
1-4, 2-3
51.0 ± 30%
2.80
500
0.25
E
1
HM67-B471LF
1-4, 2-3
470.0 ± 30%
0.80
500
0.28
F
1
HM67-B102(3)LF
1-4, 2-3
1000.0+50%,-30%
0.16
500
0.30
G
1
HM67-B222(3)LF
1-4, 2-3
2200.0+50%,-30%
0.16
400
0.42
H
1
HM67-B472(3)LF
1-4, 2-3
4700.0+50%,-30%
0.24
200
0.67
I
1
HM67-10510LF
1-4, 2-3
51.0 ± 30%(4)
2.40(4)
200
0.403
0510
2
Standard:
Embossed Tape and Reel
Reel:
Diameter:
Capacity:
Figure 1 & 2
=
13” (330.2mm)
Figure 1
=
400 Units
Figure 2
=
2000 Units
GeneralNote
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
© TT Electronics plc
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry


Similar Part No. - HM67-B102LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM67-B102LF BITECH-HM67-B102LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
List of Unclassifed Man...
HM67-B102LF ETC2-HM67-B102LF Datasheet
2Mb / 5P
   Operating Temperature Range
logo
Bi technologies
HM67-B102LF BITECH-HM67-B102LF Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results

Similar Description - HM67-B102LF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67 BITECH-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com