Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM62-2610 Datasheet(PDF) 7 Page - TT Electronics.

Part No. HM62-2610
Description  Surface Mount Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM62-2610 Datasheet(HTML) 7 Page - TT Electronics.

  HM62-2610 Datasheet HTML 1Page - TT Electronics. HM62-2610 Datasheet HTML 2Page - TT Electronics. HM62-2610 Datasheet HTML 3Page - TT Electronics. HM62-2610 Datasheet HTML 4Page - TT Electronics. HM62-2610 Datasheet HTML 5Page - TT Electronics. HM62-2610 Datasheet HTML 6Page - TT Electronics. HM62-2610 Datasheet HTML 7Page - TT Electronics. HM62-2610 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
57
A
B
C
D
E
F
G
H
I
J
3.70 ± 0.30
1.50 Max.
5.20 Max.
1.50 Ref.
0.70 Ref.
1.00 Ref.
1.45
1.2
1.0
HM62-37152R2MLF
2.2
± 20%
0.072
1.90
2.60
1.90
2.2
4,000
40,000
HM62-37153R3MLF
3.3
± 20%
0.098
1.70
2.20
1.70
3.3
4,000
40,000
HM62-37154R7MLF
4.7
± 20%
0.148
1.40
1.90
1.35
4.7
4,000
40,000
HM62-37156R8MLF
6.8
± 20%
0.202
1.20
1.50
1.15
6.8
4,000
40,000
HM62-3715100MLF
10
± 20%
0.286
0.90
1.25
0.88
10
4,000
40,000
HM62-3715150MLF
15
± 20%
0.419
0.70
1.00
0.70
15
4,000
40,000
HM62-3715220MLF
22
± 20%
0.622
0.60
0.85
0.60
22
4,000
40,000
HM62-3715330MLF
33
± 20%
0.980
0.50
0.70
0.47
33
4,000
40,000
HM62-3715470MLF
47
± 20%
1.456
0.40
0.52
0.38
47
4,000
40,000
HM62-3715221MLF
220
± 20%
6.252
0.21
0.29
0.18
221
4,000
40,000
Specifications @ 25°C / Packaging
Inductance
Heating(3)
Carton
100kHz, 0.1Vrms
DCR
Irated(1)
Isat(2)
Current
13” Reel
Box
Part
@ 0 Adc
(Adc)
(Adc)
(Adc)
Marking
Qty
Qty
Number
µH
Tolerance
±20%
Max.
Max.
Max.
Code
(Units)
(Units)
Notes: (1) The rated current (Irated) is the current at which the inductance will be decreased by 10% from its initial (zero DC) value.
(2) The saturation current (Isat) is the current at which the inductance rolls off approximately 30% from its initial (zero DC) value.
(3) The heating current is the DC current which causes the inductor temperature to increase by approximately 40°C.
Electrical / Environmental
• OperatingTemperatureRange
-40°Cto+85°C
• OperatingFrequency
Upto3MHz
SurfaceMountPowerInductors
HM62-3715
Outline Dimensions (mm)
Recommended Solder Pad Layout
Top View
Bottom View
Packaging
3.70 ± 0.30
Schematic
RoHS
Compliant


Similar Part No. - HM62-2610

ManufacturerPart No.DatasheetDescription
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
HM6201 HMSEMI-HM6201 Datasheet
457Kb / 6P
   Hall switch sensor device with low power consumption
HM6202 HMSEMI-HM6202 Datasheet
1,005Kb / 5P
   No capacitor CL low power current LDO linear regulator
HM6202A18MR HMSEMI-HM6202A18MR Datasheet
1,005Kb / 5P
   No capacitor CL low power current LDO linear regulator
HM6202A28MR HMSEMI-HM6202A28MR Datasheet
1,005Kb / 5P
   No capacitor CL low power current LDO linear regulator
HM6202A30MR HMSEMI-HM6202A30MR Datasheet
1,005Kb / 5P
   No capacitor CL low power current LDO linear regulator
More results

Similar Description - HM62-2610

ManufacturerPart No.DatasheetDescription
Abracon Corporation
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
ice Components, Ins.
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
RENCO ELECTRONICS, INC.
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz