Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC765LP6CE Datasheet(PDF) 10 Page - Analog Devices

Part # HMC765LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO,
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC765LP6CE Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC765LP6CE Datasheet HTML 6Page - Analog Devices HMC765LP6CE Datasheet HTML 7Page - Analog Devices HMC765LP6CE Datasheet HTML 8Page - Analog Devices HMC765LP6CE Datasheet HTML 9Page - Analog Devices HMC765LP6CE Datasheet HTML 10Page - Analog Devices HMC765LP6CE Datasheet HTML 11Page - Analog Devices HMC765LP6CE Datasheet HTML 12Page - Analog Devices HMC765LP6CE Datasheet HTML 13Page - Analog Devices HMC765LP6CE Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 10
HMC765LP6CE
v03.0411
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 7.8 - 8.8 GHz
DEPOP
DEPOP
ADJ
BPASS
GND
VOUT
VIN
SD
GND
3 FOUT
VC
VDD
DEPOP
DEPOP
DEPOP
DEPOP
DEPOP
DEPOP
EN
GND
VOUT
VIN
ADJ
BPASS
GND
VOUT
VIN
SD
EN
GND
VOUT
VIN
EN
GND
VOUT
VIN
DEPOP
CE
DVDDQ
REFN
REFP
RVDD
SCK
SDI
SEN
GND
VTUNE
VCCVCO2
AVDD
GND
GND
GND
NC
NC
NC
NC
GND
50 Ohm Trace
LD
+15V
5.5V
GND
RFout
50 Ohm Co-Planar Trace
TCXO
SYNTH
GND
Header to USB Board
GND
REFin
5VCP
1
10
22
3
4
5
7
9
21
27
26
2
23
24
25
29
30
28
8
6
U1
HMC765LP6CE
C33
1.8NF
C37
56NF
R13
130
3VANALOG
1
2
JP6
3VTCXO
3VDIGITAL
3VANALOG
5VCP
C35
100NF
2
3
4
6
7
U5
THS4031IDGN
C57
22UF
FB3
1000
FB4
1000
R27
DEPOP
C63
1NF
C1
1
2
JP4
4
3
1
6
U6
LP5900-3_3V
4
3
1
6
U2
LP5900-3_3V
C19
10PF
8
6
1
3
5
4
U8
LP3878MR-ADJ
5VVCO
1
2
JP5
12
10
8
6
4
2
7
5
3
1
11
9
J1
TLW-106-05-T-D
3VDIGITAL
SDO
CEN
R6
56
3VANALOG
C30
DEPOP
4
3
1
6
U4
LP5900-3_3V
C60
1NF
L1
DEPOP
5VVCO
1
J2
1
J3
3VANALOG
3VDIGITAL
SEN
SDI
SCK
TP4
5016
C4
4.7UF
C31
100PF
5VCP
3VANALOG
3VANALOG
R11
4.02K
R28
C64
R21
30
C62
C61
3.9NF
R23
0
C39
1NF
C58
4.7UF
R14
10K
R15
10K
R22
0
R26
R12
R3
1K
R4
620
R25
2
1
4
Y2
C34
100NF
8
6
1
3
5
4
U9
LP3878MR-ADJ
C27
100NF
C24
10PF
C23
100NF
C22
10PF
C16
10PF
R24
1NF
C38
C65
C32
4.7UF
C8
10PF
C12
100NF
C10
10PF
C13
10PF
C2
10PF
C3
100NF
C7
100NF
C5
10PF
C14
100NF
R10
0
R5
10K
3VDIGITAL
C54
100NF
C40
100NF
R2
120
R7
120
R9
10
3VTCXO
3VDIGITAL
C67
1.2NF
C55
10PF
C51
10PF
C52
100NF
R16
4.02K
3VDIGITAL
CEN
R8
100K
C28
100NF
C6
10PF
FB2
1000
SDO
TP5
5016
TP6
5016
C42
100NF
C59
4.7UF
R1
100K
TP2
5016
C29
100NF
R41
1K
C74
4.7UF
C73
10NF
C36
100NF
C68
4.7UF
C20
100NF
R40
4.02K
C11
100NF
C17
4.7UF
C9
100NF
C18
100NF
C25
100NF
C26
10PF
C41
100NF
TP1
5016
R17
1K
C48
4.7UF
C47
10NF
C46
100NF
C45
4.7UF
C44
1.2NF
C43
100NF
C50
100NF
R18
10K
C49
4.7UF
C56
100NF
R19
10K
C53
4.7UF
TP3
5016
FB1
1000
R20
1K
NC
NC
NC
NC
a
e
B
F
C
g
d
H
I
J
K
L
M
Evaluation Circuit (Continued from page 9)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC765LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC765LP6CE HITTITE-HMC765LP6CE Datasheet
677Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC765LP6CE HITTITE-HMC765LP6CE Datasheet
807Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC765LP6CE HITTITE-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC765LP6CE HITTITE-HMC765LP6CE_10 Datasheet
807Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC765LP6CE HITTITE-HMC765LP6CE_11 Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO, 7.8 - 8.8 GHz
More results

Similar Description - HMC765LP6CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC840LP6CE AD-HMC840LP6CE Datasheet
783Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com