Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT467 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. MKT467
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT467 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28105
86
Revision: 28-Feb-05
MKT 467
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
URdc = 400 V; URac = 220 V
URdc = 630 V; URac = 250 V
C
(
µF)
DIMENSIONS
wmax × h max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 467 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.5 mm
lt = 19.0 ±4.0 mm
C-tol
=±10%
C-tol
=±5%
last 5 digits of catalog number
SPQ
SPQ
SPQ
Pitch
= 10.0 ±0.4 mm; d
t = 0.60 ±0.06 mm
0.001
4.5
× 13.5 × 12.5
0.5
28102
29102
2000
1500
1300
0.0012
28122
29122
0.0015
28152
29152
0.0018
28182
29182
0.0022
4.0
× 13.0 × 12.5
0.4
28222
29222
2000
1500
1500
0.0027
4.3
× 13.3 × 12.5
0.5
28272
29272
2000
1500
1500
0.0033
4.6
× 13.6 × 12.5
0.5
28332
29332
2000
1500
1300
0.0039
4.0
× 13.0 × 12.5
0.4
28392
29392
2000
1500
1500
0.0047
4.1
× 13.2 × 12.5
0.4
28472
29472
2000
1500
1500
0.0056
4.6
× 13.6 × 12.5
0.5
28562
29562
2000
1500
1300
0.0068
4.2
× 13.2 × 12.5
0.4
28682
29682
2000
1500
1500
0.0082
4.6
× 13.6 × 12.5
0.5
28822
29822
2000
1500
1300
0.01
4.1
× 13.1 × 12.5
0.4
28103
29103
2000
1500
1500
0.012
4.5
× 13.5 × 12.5
0.5
28123
29123
2000
1500
1300
0.015
4.1
× 13.1 × 12.5
0.4
28153
29153
2000
1500
1500
0.018
4.5
× 13.5 × 12.5
0.5
28183
29183
2000
1500
1300
0.022
4.0
× 13.0 × 12.5
0.4
28223
29223
2000
1500
1500
0.027
4.2
× 13.2 × 12.5
0.4
28273
29273
2000
1500
1500
0.033
4.6
× 13.7 × 12.5
0.5
28333
29333
2000
1500
1300
0.039
5.0
× 13.9 × 12.5
0.5
28393
29393
1500
1250
1200
0.047
4.1
× 13.1 × 12.5
0.4
28473
29473
2000
1500
1500
0.056
4.4
× 13.4 × 12.5
0.5
28563
29563
2000
1500
1500
0.068
4.8
× 13.8 × 12.5
0.5
28683
29683
2000
1250
1300
0.082
5.4
× 14.3 × 12.5
0.6
28823
29823
1500
1000
1200
0.1
5.7
× 14.7 × 12.5
0.6
28104
29104
1500
1000
1100
C
(
µF)
DIMENSIONS
wmax × h max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 467 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.5 mm
lt = 19.0 ±4.0 mm
C-tol
=±10%
C-tol
=±5%
last 5 digits of catalog number
SPQ
SPQ
SPQ
Pitch
= 10.0 ±0.4 mm; d
t = 0.60 ±0.06 mm
0.01
4.1
× 13.1 × 12.5
0.4
40103
41103
2000
1500
1500
0.012
4.5
× 13.5 × 12.5
0.5
40123
41123
2000
1500
1300
0.015
4.9
× 13.9 × 12.5
0.5
40153
41153
2000
1250
1200
0.018
5.4
× 14.4 × 12.5
0.6
40183
41183
1500
1000
1100
0.022
4.8
× 13.8 × 12.5
0.5
40223
41223
2000
1250
1300
0.027
5.3
× 14.3 × 12.5
0.6
40273
41273
2000
1000
1200
0.033
5.9
× 14.9 × 12.5
0.6
40333
41333
1500
1000
1100


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn