Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT467 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MKT467
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT467 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 28105
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
85
MKT 467
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 100 V; URac = 63 V
URdc = 250 V; URac = 160 V
C
(
µF)
DIMENSIONS
wmax × h max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 467 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.5 mm
lt = 19.0 ±4.0 mm
C-tol
=±10%
C-tol
=±5%
last 5 digits of catalog number
SPQ
SPQ
SPQ
Pitch
= 10.0 ±0.4 mm; d
t = 0.60 ±0.06 mm
0.056
4.0
× 13.0 × 12.5
0.4
04563
05563
2000
1500
1500
0.068
04683
05683
0.082
04823
05823
0.1
04104
05104
0.12
4.3
× 13.3 × 12.5
0.5
04124
05124
2000
1500
1500
0.15
4.0
× 13.0 × 12.5
0.4
04154
05154
2000
1500
1500
0.18
4.2
× 13.2 × 12.5
0.4
04184
05184
2000
1500
1500
0.22
4.5
× 13.6 × 12.5
0.5
04224
05224
2000
1500
1300
0.27
4.2
× 13.2 × 12.5
0.4
04274
05274
2000
1500
1500
0.33
4.6
× 13.6 × 12.5
0.5
04334
05334
2000
1500
1300
0.39
4.0
× 13.0 × 12.5
0.4
04394
05394
2000
1500
1500
0.47
4.2
× 13.2 × 12.5
0.4
04474
05474
2000
1500
1500
0.56
4.6
× 13.6 × 12.5
0.5
04564
05564
2000
1500
1300
0.68
5.0
× 14.0 × 12.5
0.5
04684
05684
1500
1250
1200
0.82
5.5
× 14.5 × 12.5
0.6
04824
05824
1500
1000
1100
1.0
6.0
× 15.0 × 12.5
0.6
04105
05105
1250
1000
1000
C
(
µF)
DIMENSIONS
wmax × h max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 467 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.5 mm
lt = 19.0 ±4.0 mm
C-tol
=±10%
C-tol
=±5%
last 5 digits of catalog number
SPQ
SPQ
SPQ
Pitch
= 10.0 ±0.4 mm; d
t = 0.60 ±0.06 mm
0.027
4.2
× 13.2 × 12.5
0.4
16273
17273
2000
1500
1500
0.033
4.6
× 13.6 × 12.5
0.5
16333
17333
2000
1500
1300
0.039
4.0
× 13.0 × 12.5
0.4
16393
17393
2000
1500
1500
0.047
4.1
× 13.1 × 12.5
0.4
16473
17473
2000
1500
1500
0.056
4.0
× 13.0 × 12.5
0.4
16563
17563
2000
1500
1500
0.068
4.1
× 13.1 × 12.5
0.4
16683
17683
2000
1500
1500
0.082
4.4
× 13.4 × 12.5
0.5
16823
17823
2000
1500
1500
0.1
4.0
× 13.0 × 12.5
0.4
16104
17104
2000
1500
1500
0.12
4.3
× 13.3 × 12.5
0.5
16124
17124
2000
1500
1500
0.15
4.8
× 13.8 × 12.5
0.5
16154
17154
2000
1250
1300
0.18
5.2
× 14.2 × 12.5
0.5
16184
17184
1500
1000
1200
0.22
5.8
× 14.8 × 12.5
0.6
16224
17224
1500
1000
1100


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn