Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT467 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MKT467
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT467 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28105
84
Revision: 28-Feb-05
MKT 467
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.1 µF
≤75 × 10−4
≤120 × 10−4
≤200 × 10−4
0.1
µF < C ≤ 0.47 µF
≤75 × 10−4
≤120 × 10−4
≤225 × 10−4
0.47
µF < C ≤ 1.0 µF
≤75 × 10−4
≤120 × 10−4
Rated voltage pulse slope (dU/dt)R at 100 V (DC)
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
at 630 V (DC)
30 V/
µs
120 V/
µs
170 V/
µs
120 V/
µs
R between leads, for C
≤ 0.33 µF:
at 100 V; 1 minute
>30000 MΩ>30000 MΩ
at 500 V; 1 minute
>30000 MΩ
RC between leads, for C
> 0.33 µF at 100 V; 1 minute
>5000 s
R between interconnecting leads and casing; 100 V;
1minute
>30000 MΩ>30000 MΩ>30000 MΩ>30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
160 V; 1 minute
400 V; 1 minute
640 V; 1 minute
1008 V; 1 minute
Withstanding (DC) voltage between leads and case
200 V; 1 minute
500 V; 1 minute
800 V; 1 minute
1260 V; 1 minute
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
100 V
250 V
400 V
630 V
MKT 467
loose in box
lead length 3.5 + 1.0/- 0.5 mm
±10%
04
16
28
40
±5%
05
17
29
41
ON REQUEST
MKT 467
loose in box
lead length 19.0
±4.0 mm
±10%
51
53
55
57
±5%
52
54
56
58
taped on reel
H
= 16.0 mm; P
0 = 12.7 mm;
reel diameter = 500 mm
±10%
06
18
30
42
±5%
07
19
31
43
2222
467
XX XX X
TYPE AND PITCHES
467
10.0 mm
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104 = 10 x 10 = 100 nF


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn