Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B040MB5S Datasheet(PDF) 1 Page - Knowles Electronics

Part # B040MB5S
Description  4.0 GHz Surface Mount Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

B040MB5S Datasheet(HTML) 1 Page - Knowles Electronics

  B040MB5S Datasheet HTML 1Page - Knowles Electronics B040MB5S Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.knowlescapacitors.com
2777 Route 20 East, Cazenovia, NY 13035| Ph.: (315)655-8710 | KCCSales@knowles.com
April 2018
4.0 GHz Surface Mount Bandpass Filter
B040MB5S
DESCRIPTION
One of DLI’s surface mountable catalog
bandpass filters designed for the 5G band. This
filter utilizes DLI’s low loss temperature stable
materials which offer small size and minimal
performance variation over temperature. The
catalog BPF’s are offered in a variety of
frequency bands, which offers a drop in solution
with highly repeatable performance.
FEATURES
Small Size
Fully Shielded Component
Solder Surface Mount Package
Moisture Sensitivity Level: MSL1
Frequency Stable over Temperature
Operating & Storage Temp: -55˚C to +125˚C
Characteristic Impedance: 50Ω
SPECIFICATIONS*
*Electrical specifications based on typical probed performance at room
temperature. Insertion loss shall vary ±0.5dB over temperature.
Typical Measured Performance
Parameter
Frequency
Range (GHz)
Min
Typ.
Max
Insertion Loss (dB)
3.78 - 4.22
2.5
2.75
Return Loss (dB)
9.5
12
15
Low Side Rejection (dB)
DC - 3.4
40
50
High Side Rejection (dB)
4.6– 10
40
45
Input Power (W)
TBD
Size (L x W x H)
0.500 x 0.250 x 0.100 in
12.7 x 6.35 x 2.54 mm


Similar Part No. - B040MB5S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B040-008-19 ETC2-B040-008-19 Datasheet
524Kb / 4P
   NetController 19" VGA Console KVM Switch - 8 Port
logo
Tripp Lite. All Rights ...
B040-008-19 TRIPPLITE-B040-008-19 Datasheet
175Kb / 5P
   NetController 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD
logo
List of Unclassifed Man...
B040-016-19 ETC2-B040-016-19 Datasheet
524Kb / 5P
   NetController 19 VGA Console KVM Switch - 16 Port
logo
Tripp Lite. All Rights ...
B040-016-19 TRIPPLITE-B040-016-19 Datasheet
174Kb / 4P
   NetController 16-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD
logo
E-SWITCH
B040000 E-SWITCH-B040000 Datasheet
21Kb / 1P
   All Dimension In MM
More results

Similar Description - B040MB5S

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
B060NC5S KNOWLES-B060NC5S Datasheet
291Kb / 2P
   6 GHz Surface Mount Bandpass Filter
B031ND5S KNOWLES-B031ND5S Datasheet
296Kb / 2P
   3.125 GHz Surface Mount Bandpass Filter
B058MD7S KNOWLES-B058MD7S Datasheet
401Kb / 2P
   5.70 GHz Surface Mount Bandpass Filter
B081RC0S KNOWLES-B081RC0S Datasheet
321Kb / 2P
   8.5 GHz Surface Mount Bandpass Filter
B039NC5S KNOWLES-B039NC5S Datasheet
291Kb / 2P
   3.95 GHz Surface Mount Bandpass Filter
B024RF2S KNOWLES-B024RF2S Datasheet
294Kb / 2P
   2.40 GHz Surface Mount Bandpass Filter
B274MB1S KNOWLES-B274MB1S Datasheet
435Kb / 2P
   28.0 GHz Surface Mount Bandpass Filter
B065NC5S KNOWLES-B065NC5S Datasheet
298Kb / 2P
   6.5 GHz Surface Mount Bandpass Filter
B055NC5S KNOWLES-B055NC5S Datasheet
327Kb / 2P
   5.50 GHz Surface Mount Bandpass Filter
B424MEZS KNOWLES-B424MEZS Datasheet
305Kb / 2P
   42.5 GHz Surface Mount Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com