Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5014 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX5014
Description  Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX5014 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5014 Datasheet HTML 2Page - Maxim Integrated Products MAX5014 Datasheet HTML 3Page - Maxim Integrated Products MAX5014 Datasheet HTML 4Page - Maxim Integrated Products MAX5014 Datasheet HTML 5Page - Maxim Integrated Products MAX5014 Datasheet HTML 6Page - Maxim Integrated Products MAX5014 Datasheet HTML 7Page - Maxim Integrated Products MAX5014 Datasheet HTML 8Page - Maxim Integrated Products MAX5014 Datasheet HTML 9Page - Maxim Integrated Products MAX5014 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Detailed Description
Use the MAX5014/MAX5015 PWM current-mode con-
trollers to design flyback- or forward-mode power sup-
plies. Current-mode operation simplifies control-loop
design while enhancing loop stability. An internal high-
voltage startup regulator allows the device to connect
directly to the input supply without an external startup
resistor. Current from the internal regulator starts the
controller. Once the tertiary winding voltage is estab-
lished the internal regulator is switched off and bias
current for running the IC is derived from the tertiary
winding. The internal oscillator is set to 275kHz and
trimmed to ±10%. This permits the use of small mag-
netic components to minimize board space. Both the
MAX5014 and MAX5015 can be used in power sup-
plies providing multiple output voltages. A functional
diagram of the IC is shown in Figure 1. Typical applica-
tions circuits for forward and flyback topologies are
shown in Figure 2 and Figure 3, respectively.
Current-Mode Control
The MAX5014/MAX5015 offer current-mode control
operation with added features such as leading-edge
blanking with dual internal path that only blanks the
sensed current signal applied to the input of the PWM
comparator. The current limit comparator monitors the
CS pin at all times and provides cycle-by-cycle current
limit without being blanked. The leading-edge blanking
of the CS signal prevents the PWM comparator from
prematurely terminating the on cycle. The CS signal
contains a leading-edge spike that is the result of the
MOSFET gate charge current, capacitive and diode
reverse recovery current of the power circuit. Since this
leading-edge spike is normally lower than the current
limit comparator threshold, current limiting is not
blanked and cycle-by-cycle current limiting is provided
under all conditions.
Use the MAX5014 in discontinuous flyback applications
where wide line voltage and load current variation is
expected. Use the MAX5015 for single transistor for-
ward converters where the maximum duty cycle must
be limited to less than 50%.
Under certain conditions it may be advantageous to
use a forward converter with greater than 50% duty
cycle. For those cases use the MAX5014. The large
duty cycle results in much lower operating primary
RMS currents through the MOSFET switch and in most
cases a smaller output filter inductor. The major disad-
vantage to this is that the MOSFET voltage rating must
be higher and that slope compensation must be provid-
ed to stabilize the inner current loop. The MAX5014
provides internal slope compensation.
Current-Mode PWM Controllers with Integrated
Startup Circuit for Isolated Power Supplies
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1V+
High-Voltage Startup Input. Connect directly to an input voltage between 18V to 110V. Connects
internally to a high-voltage linear regulator that generates VCC during startup.
2VDD
VDD is the Input of the Linear Regulator that Generates VCC. For supply voltages less than 36V, VDD
and V+ can both be connected to the supply. For supply voltages greater than 36V, VDD receives
its power from the tertiary winding of the transformer and accepts voltages from 13V to 36V. Bypass
to GND with a 4.7µF capacitor.
3
OPTO
Optocoupler Input. The control voltage range on this input is 2V to 3V.
4
SS_
SHDN
Soft-Start Timing Capacitor Connection. Ramp time to full current limit is approximately 0.45ms/nF.
This pin is also the reference voltage output. Bypass with a minimum 10nF capacitor to GND. The
device goes into shutdown when VSS_SHDN is pulled below 0.25V.
5CS
Current Sense Input. Turns power switch off if VCS rises above 465mV for cycle-by-cycle current
limiting. CS is also the feedback for the current-mode controller. CS is connected to the PWM
comparator through a leading edge blanking circuit.
6
GND
Ground
7
NDRV
Gate Drive. Drives a high-voltage external N-channel power MOSFET.
8VCC
Regulated IC Supply. Provides power for the entire IC. VCC is regulated from VDD during normal
operation and from V+ during startup. Bypass VCC with a 10
µF tantalum capacitor in parallel with
0.1µF ceramic capacitor to GND.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn