Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5014 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX5014
Description  Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX5014 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5014 Datasheet HTML 1Page - Maxim Integrated Products MAX5014 Datasheet HTML 2Page - Maxim Integrated Products MAX5014 Datasheet HTML 3Page - Maxim Integrated Products MAX5014 Datasheet HTML 4Page - Maxim Integrated Products MAX5014 Datasheet HTML 5Page - Maxim Integrated Products MAX5014 Datasheet HTML 6Page - Maxim Integrated Products MAX5014 Datasheet HTML 7Page - Maxim Integrated Products MAX5014 Datasheet HTML 8Page - Maxim Integrated Products MAX5014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
_______________________________________________________________________________________
5
Current-Mode PWM Controllers with Integrated
Startup Circuit for Isolated Power Supplies
Typical Operating Characteristics (continued)
(V+ = 48V, VDD = 13V, NRDV is open circuit, TA = +25°C, unless otherwise noted.)
267.0
268.0
267.5
269.0
268.5
269.5
270.0
270.5
271.0
010
15
5
2025303540
NDRV FREQUENCY vs. VDD
VDD (V)
VOPTO = 4V, CS = GND
47.0
47.2
47.1
47.4
47.3
47.6
47.5
47.7
47.9
47.8
48.0
010
15
5
2025303540
MAX5015 MAXIMUM DUTY
CYCLE vs. VDD
VDD (V)
VOPTO = 4V, CS = GND
DRIVER POWERED
FROM V+
DRIVER POWERED
FROM VDD
9.5
9.6
9.8
9.7
10.0
10.1
9.9
10.2
010
15
5
2025303540
VCC vs. VDD
VDD (V)
DEVICE POWERED FROM VDD
DEVICE POWERED
FROM V+
1.31
1.33
1.32
1.36
1.35
1.34
1.39
1.38
1.37
1.40
040
20
60
80
100
V+ SUPPLY CURRENT vs.
V+ VOLTAGE
V+ VOLTAGE (V)
VOPTO = 4V, CS = GND, VDD = 0
0
6
4
2
8
10
12
040
30
10 20
50 60 70 80 90
110
V+ INPUT CURRENT vs. VOLTAGE
(AFTER STARTUP)
V+ VOLTAGE (V)
100
VOPTO = 4V, CS = GND, VDD = 13V
9.0
9.4
9.2
9.8
9.6
10.2
10.0
10.4
VCC VOLTAGE vs. VCC CURRENT
VCC CURRENT (mA)
0
5.0
10.0
15.0
20.0
V+ = 110V, OPTO = CS = GND
VDD = 36V
VDD = 13V
9.0
9.3
9.2
9.1
9.4
9.5
9.6
9.7
9.8
9.9
10.0
0
5.0
10.0
15.0
20.0
VCC VOLTAGE vs. VCC CURRENT
VCC CURRENT (mA)
VDD = OPTO = CS = GND
V+ = 110V
V+ = 90V
V+ = 72V
V+ = 48V
V+ = 36V
V+ = 24V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn