Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5014 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX5014
Description  Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX5014 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5014 Datasheet HTML 1Page - Maxim Integrated Products MAX5014 Datasheet HTML 2Page - Maxim Integrated Products MAX5014 Datasheet HTML 3Page - Maxim Integrated Products MAX5014 Datasheet HTML 4Page - Maxim Integrated Products MAX5014 Datasheet HTML 5Page - Maxim Integrated Products MAX5014 Datasheet HTML 6Page - Maxim Integrated Products MAX5014 Datasheet HTML 7Page - Maxim Integrated Products MAX5014 Datasheet HTML 8Page - Maxim Integrated Products MAX5014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Current-Mode PWM Controllers with Integrated
Startup Circuit for Isolated Power Supplies
4
_______________________________________________________________________________________
46.8
47.2
47.0
47.6
47.4
47.8
48.0
-40
20
40
-20
0
60
80
MAX5015 MAXIMUM DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE (
°C)
VOPTO = 4V, CS = GND
V+ SUPPLY CURRENT
vs. TEMPERATURE
1.38
1.39
1.41
1.40
1.44
1.45
1.43
1.42
1.46
-40
0
20
-20
40
60
80
TEMPERATURE (
°C)
VOPTO = 4V, VDD = CS = GND
4.50
4.65
4.60
4.55
4.75
4.70
4.95
4.90
4.85
4.80
5.00
-40
-20
0
20406080
SOFT-START SOURCE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 0, V+ = 110V, OPTO =
CS = SS_SHDN = GND
11.00
11.05
11.15
11.10
11.20
11.25
-40
0
-20
20
40
60
80
V+ INPUT CURRENT vs.
TEMPERATURE (AFTER STARTUP)
TEMPERATURE (
°C)
V+ = 110V, VOPTO = 4V,
CS = GND, VDD = 13V
185
188
187
186
190
189
194
193
192
191
195
-40
-20
0
20
40
60
80
V+ SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = 110V, OPTO = SS_SHDN =
CS = GND, VDD = 13V
0.483
0.484
0.486
0.485
0.487
0.488
-40
0
-20
20
40
60
80
CS THRESHOLD VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VOPTO = 4V, V+ = 110V
NDRV RESISTANCE
vs. TEMPERATURE
1.0
1.5
2.5
2.0
4.0
4.5
3.5
3.0
5.0
-40
0
20
-20
40
60
80
TEMPERATURE (
°C)
HIGH-SIDE DRIVER
LOW-SIDE DRIVER
170
176
174
172
180
178
188
186
184
182
190
-40
-20
0
20
40
60
80
CURRENT-LIMIT DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VOPTO = 4V, 100mV OVERDRIVE ON CS
2.400
2.402
2.406
2.404
2.408
2.410
010
15
5
2025303540
VSS_SHDN vs. VDD
VDD (V)
Typical Operating Characteristics (continued)
(V+ = 48V, VDD = 13V, NRDV is open circuit, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn