Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNSK20 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LNSK20
Description  NTC Thermistor SMD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LNSK20 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LNSK20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LNSK20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LNSK20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LNSK20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LNSK20 Datasheet HTML 6Page - List of Unclassifed Manufacturers LNSK20 Datasheet HTML 7Page - List of Unclassifed Manufacturers LNSK20 Datasheet HTML 8Page - List of Unclassifed Manufacturers LNSK20 Datasheet HTML 9Page - List of Unclassifed Manufacturers LNSK20 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Number
Name
1
Ceramics
2
Inner Electrode
3
External Electrode(Ag)
4
Electroplating Layer(Ni)
5
Electroplating Layer(Sn or SnPb)
L
W
T
L1, L2
1005
1.0¡ 0.1
0.5¡ 0.1
0.5¡ 0.1
0.2¡ 0.1
1608
1.6¡ 0.1
0.8¡ 0.1
0.8¡ 0.1
0.3¡ 0.1
2012
2.0¡ 0.1
1.2¡ 0.1
0.8¡ 0.1
0.4¡ 0.1
3216
3.2¡ 0.2
1.6¡ 0.2
1.0¡ 0.1
0.4¡ 0.1
CHIP DIMENSION
CHIP STRUCTURE
Structure and Dimension
14
www.lattron.com


Similar Part No. - LNSK20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LNS VISHAY-LNS Datasheet
94Kb / 4P
   Low Value (0.03 ohm to 10 ohm) Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-15
logo
PAIRUI GROUP INC.
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LNS-12C PAIRUI-LNS-12C Datasheet
592Kb / 10P
   Constant Current LED Power Supplies
LNS-20C PAIRUI-LNS-20C Datasheet
582Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
More results

Similar Description - LNSK20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
   NTC Thermistor
logo
Thinking Electronic Ind...
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
MF72-120D9 ETC2-MF72-120D9 Datasheet
754Kb / 4P
   Power NTC Thermistor
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
logo
EPCOS
B57431V2104J062 EPCOS-B57431V2104J062 Datasheet
236Kb / 7P
   SMD NTC Thermistor with Ni-Barrier Termination
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com