Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE3293 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. PE3293
Description  1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

PE3293 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PEREGRINE SEMICONDUCTOR CORP.  | http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 1 of 18
Product Description
Figure 1. Block Diagram
PRODUCT SPECIFICATION
PE3293
1.8 GHz / 550 MHz Dual
Fractional-N Ultra-Low
Spurious PLL for Frequency
Synthesis
Features
• Industry leading fractional spur
compensation: no adjusting
required, stable over temp.
• Ultra-Low Power consumption:
4.0 mA typical, both loops
operating
• Modulo-32 fractional-N main
counters
• Supply voltage range 2.7 to 3.3
VDC
The PE3293 is a dual fractional-N phase-lock loop (PLL)
IC designed for frequency synthesis and fabricated on
Peregrine’s patented UTSi® CMOS process. Each PLL
includes a prescaler, phase detector, charge pump and
on-board fractional spur compensation.
The patented spur compensation circuitry designed into
the device ensures superior spur performance over the
full temperature and VCO tuning range.
The PE3293 provides fractional-N division with power-of-
two denominator values up to 32. This allows
comparison frequencies up to 32 times the channel
spacing, providing a lower phase noise floor than integer
PLLs. The 32/33 RF prescaler (PLL1) operates up to 1.8
GHz and the 16/17 IF prescaler (PLL2) operates up to
550 MHz.
Applications
• Triple mode,dual-band PCS / Cellular handset
• PCS/CDMA/Cellular handsets
• PCS/CDMA/Cellular base stations
32/33
Prescaler
f
in1
19-bit Fractional-N
Main Divider
Fractional Spur
Compensation
Fractional Spur
Compensation
18-bit Fractional-N
Main Divider
9-bit Reference
Divider
9-bit Reference
Divider
21-bit Serial Control
Interface
Ref.
Amp.
f
r
Clock
Data
LE
f
in2
16/17
Prescaler
f
oLD
CP1
CP2
Phase
Detector
Phase
Detector
Charge
Pump
Charge
Pump
Multiplexer


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn