Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNSW10 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # LNSW10
Description  NTC Thermistor SMD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LNSW10 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LNSW10 Datasheet HTML 2Page - List of Unclassifed Manufacturers LNSW10 Datasheet HTML 3Page - List of Unclassifed Manufacturers LNSW10 Datasheet HTML 4Page - List of Unclassifed Manufacturers LNSW10 Datasheet HTML 5Page - List of Unclassifed Manufacturers LNSW10 Datasheet HTML 6Page - List of Unclassifed Manufacturers LNSW10 Datasheet HTML 7Page - List of Unclassifed Manufacturers LNSW10 Datasheet HTML 8Page - List of Unclassifed Manufacturers LNSW10 Datasheet HTML 9Page - List of Unclassifed Manufacturers LNSW10 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Size
A
B
C
D
E
F
G
H
J
t
note
1608
1.0¡ 0.1
1.9¡ 0.1
8.0¡ 0.1
3.5¡ 0.05
1.75¡ 0.1
4.0¡ 0.1
2.0¡ 0.05
4.0¡ 0.1
1.5+0.1-0.0
0.23¡ 0.02
paper
1005
0.62¡ 0.04
1.12¡ 0.04
8.0¡ 0.1
3.5¡ 0.05
1.75¡ 0.1
4.0¡ 0.1
2.0¡ 0.05
4.0¡ 0.1
1.5+0.1-0.0
0.6¡ 0.05
paper
Tape and Reel Packaging for Paper Package
Structure of Taping
Taping must have leader and empty component compartment
as shown in the following figure.
Size
A
B
W
F
E
P1
P2
P0
D0
t1
t2
note
3216
1.73¡ 0.1
3.56¡ 0.1 8.0+0.3-0.1 3.5¡ 0.05
1.75¡ 0.1
4.0¡ 0.1
2.0¡ 0.05
4.0¡ 0.1
1.5+0.1-0.0 0.23¡ 0.02
1.14¡ 0.1
emboss
2012
1.45¡ 0.1
2.25¡ 0.1 8.0+0.3-0.1 3.5¡ 0.05
1.75¡ 0.1
4.0¡ 0.1
2.0¡ 0.05
4.0¡ 0.1
1.5+0.1-0.0 0.23¡ 0.02
1.0¡ 0.1
emboss
Tape and Reel Packaging for Emboss Package
Package Quantity
12,000(pcs/Reel) - 1005 size
4,000(pcs/Reel) - 1608, 2012, 3216 size
Packaging
15
www.lattron.com


Similar Part No. - LNSW10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LNS VISHAY-LNS Datasheet
94Kb / 4P
   Low Value (0.03 ohm to 10 ohm) Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-15
logo
PAIRUI GROUP INC.
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LNS-12C PAIRUI-LNS-12C Datasheet
592Kb / 10P
   Constant Current LED Power Supplies
LNS-20C PAIRUI-LNS-20C Datasheet
582Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
More results

Similar Description - LNSW10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
   NTC Thermistor
logo
Thinking Electronic Ind...
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
MF72-120D9 ETC2-MF72-120D9 Datasheet
754Kb / 4P
   Power NTC Thermistor
logo
Abracon Corporation
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
   Chip NTC Thermistor
02.17.15
logo
EPCOS
B57431V2104J062 EPCOS-B57431V2104J062 Datasheet
236Kb / 7P
   SMD NTC Thermistor with Ni-Barrier Termination
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
   Chip NTC Thermistor
12.02.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com