Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAU101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. MAU101
Description  1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

MAU101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
Single Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Block Diagram
Low Profile
I/O Isolation
1000
VDC
Low Cost
$
Minmax's MAU100 1W DC/DC's are specially designed to
provide the optimum cost/benefit power solution in a miniature
SIP package.
The series consists of 33 models with input voltages of
5V, 12V and 24V,and offers standard output voltages of 3.3V,
5V, 9V, 12V, 15V,{5V, {9V, {12V and {15V for a wide
choice.
The MAU100 series is an excellent selection for a variety
of applications including distributed power systems, mixed
analog/digital subsystems, portable test equipments, local
power networks and battery backed systems.
MTBF > 2,000,000 Hours
Lost Cost
SMT Technology
I/O Isolation 1000VDC
Miniature Package
Efficiency up to 81%
Key Features
Single and Dual Outputs
1 Watt Ultra Miniature SIP DC/DC Converters
MAU100 Series
MINMAX
4


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn