Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAU101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. MAU101
Description  1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

MAU101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
80
5
85
{1
{34
{15
MAU156
80
5
85
{1
{42
{12
MAU155
72
8
93
{2
{100
{5
MAU154
79
5
85
1
67
15
MAU153
79
5
85
2
84
12
MAU152
72
8
11
93
4
200
5
15
(13.5 ~ 16.5)
MAU151
80
5
53
{0.7
{34
{15
MAU129
79
5
53
{0.8
{42
{12
MAU128
76
5
55
{1
{56
{9
MAU127
72
8
58
{2
{100
{5
MAU126
79
5
53
1
67
15
MAU125
78
5
54
1.5
84
12
MAU124
76
5
54
2
110
9
MAU123
71
8
59
4
200
5
MAU122
73
8
7
49
5
260
3.3
24
(21.6 ~ 26.4)
MAU121
81
5
105
{0.7
{34
{15
MAU119
81
5
104
{0.8
{42
{12
MAU118
79
5
106
{1
{56
{9
MAU117
74
8
113
{2
{100
{5
MAU116
80
5
104
1
67
15
MAU115
80
5
105
1.5
84
12
MAU114
78
5
106
2
110
9
MAU113
73
8
114
4
200
5
MAU112
74
8
12
96
5
260
3.3
12
(10.8 ~ 13.2)
MAU111
79
7
258
{0.7
{34
{15
MAU109
78
7
258
{0.8
{42
{12
MAU108
77
8
262
{1
{56
{9
MAU107
72
10
278
{2
{100
{5
MAU106
78
7
258
1
67
15
MAU105
78
7
258
1.5
84
12
MAU104
76
8
260
2
110
9
MAU103
71
10
281
4
200
5
MAU102
73
10
30
235
5
260
3.3
5
(4.5 ~ 5.5)
MAU101
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Exceeding these values can damage the module.These are not
continuous operating ratings.
mW
450
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
30
-0.7
24VDC Input Models
VDC
18
-0.7
15VDC Input Models
VDC
18
-0.7
12VDC Input Models
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Note :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Ripple & Noise measurement bandwidth is 0-20 MHz.
3. These power converters require a minimum output
loading to maintain specified regulation.
4. Operation under no-load conditions will not damage
these devices; however they may not meet all listed
specifications.
5. All DC/DC converters should be externally fused at the
front end for protection.
6. Other input and output voltage may be available, please
contact factory.
7. Specifications subject to change without notice.
Absolute Maximum Ratings
MAU100 Series
5
MINMAX


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn