Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM1236 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM1236
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM1236 Datasheet(HTML) 1 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LM1236
150 MHz I
2C Compatible RGB Preamplifier with Internal
254 Character OSD ROM, 512 Character RAM and 4
DACs
General Description
The LM1236 pre-amp is an integrated CMOS CRT preamp.
It has an I
2C compatible interface which allows control of all
the parameters necessary to directly setup and adjust the
gain and contrast in the CRT display. Brightness and bias
can be controlled through the DAC outputs, which are well
matched to the LM2479 and LM2480 integrated bias clamp
ICs. The LM1236 preamp is also designed to be compatible
with the LM246x high gain driver family.
Black level clamping of the video signal is carried out directly
on the AC coupled input signal into the high impedance
preamplifier input, thus eliminating the need for additional
clamp capacitors. Horizontal and vertical blanking of the
outputs is provided. Vertical blanking is optional and its
duration is register programmable.
The IC is packaged in an industry standard 24-lead DIP
molded plastic package.
Features
n
Internal 254 character OSD ROM usable as either (a)
190 2-color plus 64 4-color characters, (b) 318 2-color
characters, or (c) some combination in between
n
Internal 512 character RAM, which can be displayed as
one single or two independent windows
n
Enhanced I
2C compatible microcontroller interface
to allow versatile Page RAM access
n
OSD Window Fade In/Fade Out
n
OSD Half Tone Transparency
n
OSD override allows OSD messages to override video
and the use of burn-in screens with no video output.
n
4 DAC outputs (8-bit resolution) for bus controlled CRT
bias and brightness
n
Spot killer which blanks the video outputs when V
CC
falls below the specified threshold
n
Suitable for use with discrete or integrated clamp, with
software configurable brightness mixer
n
4-Bit Programmable start position for internal
Horizontal Blanking
n
Horizontal blanking and OSD synchronization directly
from deflection signals. The blanking can be disabled, if
desired.
n
Vertical blanking and OSD synchronization directly from
deflection signals. The blanking width is register
programmable and can be disabled, if desired.
n
Power Saving Mode with 65% power reduction
n
Matched to LM246x driver and LM2479/80 bias IC’s
Applications
n
Low end 15" and 17" bus controlled monitors with OSD
n
1024x768 displays up to 85 Hz requiring OSD capability
n
Very low cost systems with LM246x driver
PRELIMINARY
September 2003
© 2005 National Semiconductor Corporation
DS200757
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn