Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2532AABJ-6B Datasheet(PDF) 11 Page - Elpida Memory

Part # EDS2532AABJ-6B
Description  256M bits SDRAM (8M words 짰32 bits)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2532AABJ-6B Datasheet(HTML) 11 Page - Elpida Memory

Back Button EDS2532AABJ-6B Datasheet HTML 7Page - Elpida Memory EDS2532AABJ-6B Datasheet HTML 8Page - Elpida Memory EDS2532AABJ-6B Datasheet HTML 9Page - Elpida Memory EDS2532AABJ-6B Datasheet HTML 10Page - Elpida Memory EDS2532AABJ-6B Datasheet HTML 11Page - Elpida Memory EDS2532AABJ-6B Datasheet HTML 12Page - Elpida Memory EDS2532AABJ-6B Datasheet HTML 13Page - Elpida Memory EDS2532AABJ-6B Datasheet HTML 14Page - Elpida Memory EDS2532AABJ-6B Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
EDS2532AABJ-6B
Data Sheet E0509E30 (Ver. 3.0)
11
Command Operation
Command Truth Table
The SDRAM recognizes the following commands specified by the /CS, /RAS, /CAS, /WE and address pins.
CKE
Function
Symbol
n – 1
n
/CS
/RAS
/CAS
/WE
BA1,BA0 A10
A0 to A11
Device deselect
DESL
H
×
H
×
×
×
×
×
×
No operation
NOP
H
×
L
H
H
H
×
×
×
Burst stop
BST
H
×
L
H
H
L
×
×
×
Read
READ
H
×
L
H
L
H
V
L
V
Read with auto precharge
READA
H
×
L
H
L
H
V
H
V
Write
WRIT
H
×
L
H
L
L
V
L
V
Write with auto precharge
WRITA
H
×
L
H
L
L
V
H
V
Bank activate
ACT
H
×
L
L
H
H
V
V
V
Precharge select bank
PRE
H
×
L
L
H
L
V
L
×
Precharge all banks
PALL
H
×
L
L
H
L
×
H
×
Mode register set
MRS
H
×
L
L
L
L
L
L
V
Remark: H: VIH. L: VIL.
×: VIH or VIL. V: Valid address input.
Device deselect command [DESL]
When this command is set (/CS is High), the SDRAM ignore command input at the clock. However, the internal
status is held.
No operation [NOP]
This command is not an execution command. However, the internal operations continue.
Burst stop command [BST]
This command can stop the current burst operation.
Column address strobe and read command [READ]
This command starts a read operation. In addition, the start address of burst read is determined by the column
address (see Address Pins Table in Pin Function) and the bank select address (BA0, BA1). After the read operation,
the output buffer becomes High-Z.
Read with auto-precharge [READA]
This command automatically performs a precharge operation after a burst read with a burst length of 1, 2, 4 or 8.
Column address strobe and write command [WRIT]
This command starts a write operation. When the burst write mode is selected, the column address (see Address
Pins Table in Pin Function) and the bank select address (BA0, BA1) become the burst write start address. When the
single write mode is selected, data is only written to the location specified by the column address (see Address Pins
Table in Pin Function) and the bank select address (BA0, BA1).
Write with auto-precharge [WRITA]
This command automatically performs a precharge operation after a burst write with a length of 1, 2, 4 or 8, or after a
single write operation.


Similar Part No. - EDS2532AABJ-6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532AABJ-75 ELPIDA-EDS2532AABJ-75 Datasheet
644Kb / 48P
   256M bits SDRAM
EDS2532AABJ-75-E ELPIDA-EDS2532AABJ-75-E Datasheet
644Kb / 48P
   256M bits SDRAM
EDS2532AABJ-75L-E ELPIDA-EDS2532AABJ-75L-E Datasheet
644Kb / 48P
   256M bits SDRAM
More results

Similar Description - EDS2532AABJ-6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-9A ELPIDA-EDS2532EEBH-9A Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-75 ELPIDA-EDS2532EEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-6B ELPIDA-EDS2732AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532CABH ELPIDA-EDS2532CABH Datasheet
578Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532JEBH-75 ELPIDA-EDS2532JEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-75 ELPIDA-EDS2732AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2732CABH ELPIDA-EDS2732CABH Datasheet
578Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532AABH-6B ELPIDA-EDS2532AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com