Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2858344 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2858344
Description  Intrinsically safe basic terminal block with isolating connector, test connections and surge protection, with additional temperature measurement of the input terminal block for cold junction compensation, for mounting on NS 35/7.5
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2858344 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2858344
10/21/2014   Page 1 / 5
Surge protection device - TT-PI-EX-TB/T - 2858344
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Intrinsically safe basic terminal block with isolating connector, test connections and surge protection, with
additional temperature measurement of the input terminal block for cold junction compensation, for mounting on
NS 35/7.5
 
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
105.72 GRM
Custom tariff number
85363010
Country of origin
Germany
Technical data
Dimensions
Height
144.7 mm
Width
12.35 mm
Depth
84.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Degree of protection
IP20
General
Housing material
PBT
Inflammability class according to UL 94
V2
Color
black
Standards for air and creepage distances
VDE 0110-1
IEC 60664-1
Mounting type
DIN rail: 35 mm


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn