Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2858344 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2858344
Description  Intrinsically safe basic terminal block with isolating connector, test connections and surge protection, with additional temperature measurement of the input terminal block for cold junction compensation, for mounting on NS 35/7.5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2858344 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2858344 Datasheet HTML 1Page - PHOENIX CONTACT 2858344 Datasheet HTML 2Page - PHOENIX CONTACT 2858344 Datasheet HTML 3Page - PHOENIX CONTACT 2858344 Datasheet HTML 4Page - PHOENIX CONTACT 2858344 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/2858344
10/21/2014   Page 4 / 5
Surge protection device - TT-PI-EX-TB/T - 2858344
Classifications
eCl@ss
eCl@ss 7.0
27130807
eCl@ss 8.0
27130807
ETIM
ETIM 2.0
EC000943
ETIM 3.0
EC000943
ETIM 4.0
EC000943
ETIM 5.0
EC000943
UNSPSC
UNSPSC 6.01
30212010
UNSPSC 7.0901
39121610
UNSPSC 11
39121610
UNSPSC 12.01
39121610
UNSPSC 13.2
39121620
Approvals
Approvals
Approvals
GOST
Ex Approvals
ATEX
Approvals submitted
Approval details
GOST 
Drawings


Similar Part No. - 2858344

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2858305 PHOENIX-2858305 Datasheet
87Kb / 5P
   Surge protection device - TT-STTB-F
2858328 PHOENIX-2858328 Datasheet
83Kb / 7P
   Type 2 surge protection plug - F-MS 12-UD ST
10/10/2014
2858373 PHOENIX-2858373 Datasheet
66Kb / 5P
   Basic terminal block, with isolating connector, test connections and surge protection, mounting on NS 35/7.5
More results

Similar Description - 2858344

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2858373 PHOENIX-2858373 Datasheet
66Kb / 5P
   Basic terminal block, with isolating connector, test connections and surge protection, mounting on NS 35/7.5
logo
Pepperl+Fuchs Inc.
K-CJC-BK PF-K-CJC-BK Datasheet
404Kb / 1P
   Terminal Block for Cold Junction Compensation
K-CJC-BU PF-K-CJC-BU Datasheet
405Kb / 1P
   Terminal Block for Cold Junction Compensation
logo
PHOENIX CONTACT
2835901 PHOENIX-2835901 Datasheet
461Kb / 6P
   Ex Basic Terminal Blocks for Intrinsically Safe Signals With Knife Disconnection and Test Connections
2968 PHOENIX-2968 Datasheet
444Kb / 20P
   Intrinsically safe inline temperature input terminal for hazardous locations
PLC-OPIT-5DC PHOENIX-PLC-OPIT-5DC Datasheet
138Kb / 5P
   PLC interface, consisting of PLC-BPIT...ACT basic terminal block with Push-In connection and pluggable miniature optocoupler, for assembly on DIN rail NS 35/7.5, input voltage: 5 V DC, other input voltages on request.
logo
Pepperl+Fuchs Inc.
KC-CTT-5GN PF-KC-CTT-5GN Datasheet
388Kb / 2P
   Terminal Block with Test Plug Socket
KC-STP-5GN PF-KC-STP-5GN Datasheet
324Kb / 1P
   Terminal Block with Test Plug Socket
KF-STP-5GN PF-KF-STP-5GN Datasheet
551Kb / 2P
   Terminal Block with Test Plug Socket
2021-08-30
logo
PHOENIX CONTACT
2900457 PHOENIX-2900457 Datasheet
84Kb / 4P
   6.2 mm PLC basic terminal block with interference current and interference voltage protection on the control side
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com