Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2858344 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 2858344
Description  Intrinsically safe basic terminal block with isolating connector, test connections and surge protection, with additional temperature measurement of the input terminal block for cold junction compensation, for mounting on NS 35/7.5
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2858344 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/2858344
10/21/2014   Page 3 / 5
Surge protection device - TT-PI-EX-TB/T - 2858344
Technical data
Protective circuit
Resistance in series
4.7 Ω ±10 %
4.7 Ω
Surge protection fault message
None
Surge current resistance (conductor-conductor)
C2 - 10 kV/5 kA
C3 - 100 A
Surge current resistance (conductor-ground)
C2 - 10 kV/5 kA
C3 - 100 A
D1 - 1 kA
Connection data
Connection method
Screw connection
Connection type IN
Screw terminal blocks
Connection type OUT
Screw terminal blocks
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
14
Standards and Regulations
Standards/regulations
IEC 61643-21
EN 50020
General
Maximum inner capacitance Ci
3 nF
Maximum inner inductance Li
1 µH
Maximum inner time factor (Ri/Li)
0.1 µs
Max. input current Ii
250 mA
Max. input voltage Ui
30 V
Classifications
eCl@ss
eCl@ss 4.0
27140201
eCl@ss 4.1
27130801
eCl@ss 5.0
27130801
eCl@ss 5.1
27130801
eCl@ss 6.0
27130807


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn