Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66717A03TA0 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD66717A03TA0
Description  (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66717A03TA0 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD66717A03TA0 Datasheet HTML 1Page - Hitachi Semiconductor HD66717A03TA0 Datasheet HTML 2Page - Hitachi Semiconductor HD66717A03TA0 Datasheet HTML 3Page - Hitachi Semiconductor HD66717A03TA0 Datasheet HTML 4Page - Hitachi Semiconductor HD66717A03TA0 Datasheet HTML 5Page - Hitachi Semiconductor HD66717A03TA0 Datasheet HTML 6Page - Hitachi Semiconductor HD66717A03TA0 Datasheet HTML 7Page - Hitachi Semiconductor HD66717A03TA0 Datasheet HTML 8Page - Hitachi Semiconductor HD66717A03TA0 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
452
HD66717
(Low-Power Dot-Matrix Liquid Crystal Display
Controller/Driver)
Description
The HD66717 dot-matrix liquid crystal display controller and driver LSI displays alphanumerics,
katakana, hiragana, and symbols. It can be configured to drive a dot-matrix liquid crystal display under
the control of an I
2C bus, a clock-synchronized serial, or a 4- or 8-bit microprocessor. A single HD66717
is capable of displaying a maximum of four 12-character lines, 40 segments, and 10 annunciators. The
HD66717 incorporates all the functions required for driving a dot-matrix liquid crystal display such as
display RAM, character generator, and liquid crystal drivers, and a booster for LCD power supply.
The HD66717 provides various functions to reduce the power consumption of an LCD system such as
low-voltage operation of 2.4V or less, a booster for generating a maximum of triple LCD drive voltage
from the supplied voltage, and voltage-followers for decreasing the direct current flow in the LCD drive
bleeder-resistors. Combining these hardware functions with software functions such as standby and sleep
modes allows a fine power control. The HD66717, with the above functions, is suitable for any portable
battery-driven product requiring long-term driving capabilities and small size.
Features
• 5 × 8-dot matrix LCD drive
• Four 12-character lines, 40 segments, and 10 annunciators
• Low-power operation support:
 2.4 to 5.5V (low voltage)
 Double or triple booster for liquid crystal drive voltage
 Electron volume function and voltage-followers for decreasing the direct current flow in the LCD
drive bleeder-resistors
 Standby mode and sleep mode
 Displays up to 10 static annunciators
• I2C bus or clock-synchronized serial interface; 4- or 8-bit parallel bus interface
• 60 × 8-bit display data RAM (60 characters max)
• 9,600-bit character generator ROM
 240 characters (5 × 8 dots)


Similar Part No. - HD66717A03TA0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66717 HITACHI-HD66717 Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
More results

Similar Description - HD66717A03TA0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66727 HITACHI-HD66727 Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com